Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 7 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 7 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
6
N
Z
A
Thread
B
L
V
Thread
Shell
Size
A
Thread
Class 2A
B
Min.
Full
Thread
L
±.030
N
Dia.
Max.
V
Thread
Class 2A
Z
±.040
8S
.5000-28UNEF
.406
1.390
.532
.5000-28UNEF
1.094
10S
.6250-24NEF
.406
1.468
.628
.5000-28UNEF
1.094
10SL
.6250-24NEF
.406
1.468
.755
.6250-24NEF
1.094
12S
.7500-20UNEF
.422
1.468
.755
.6250-24NEF
1.094
12
.7500-20UNEF
.656
1.843
.755
.6250-24NEF
1.532
14S
.8750-20UNEF
.391
1.468
.882
.7500-20UNEF
1.094
14
.8750-20UNEF
.625
1.843
.882
.7500-20UNEF
1.532
16S
1.0000-20UNEF
.391
1.468
1.010
.8750-20UNEF
1.094
16
1.0000-20UNEF
.625
1.843
1.010
.8750-20UNEF
1.532
18
1.1250-18NEF
.625
1.938
1.137
1.0000-20UNEF
1.532*
20
1.2500-18NEF
.625
1.844
1.264
1.1875-18NEF
1.532*
22
1.3750-18NEF
.625
1.938
1.392
1.1875-18NEF
1.532*
24
1.5000-18NEF
.625
1.969
1.519
1.4375-18NEF
1.532*
28
1.7500-18NS
.625
2.188
1.774
1.4375-18NEF
1.532*
32
2.0000-18NS
.625
2.157
1.996
1.7500-18NS
1.532*
36
2.2500-16UN
.625
2.219
2.251
2.0000-18NS
1.532*
40
2.5000-16UN
.625
2.188
2.506
2.2500-16UN
1.532*
44***
2.7500-16UN
.625
2.521
3.135
2.5000-16UN
1.782**
MS/Standard
MS3101A
cable connecting plug
To complete order number, see “how to order” pg. 70.
For solder well data, see page 67.
* Increase Z dimension by .312 for size “0” contact only.
** Increase Z dimension by .062 for size “0” contact only.
*** Available in proprietary version only.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn