Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 70 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3102E18-3PX Datasheet(HTML) 70 Page - Amphenol Corporation

Back Button CS3102E18-3PX Hoja de datos HTML 65Page - Amphenol Corporation CS3102E18-3PX Hoja de datos HTML 66Page - Amphenol Corporation CS3102E18-3PX Hoja de datos HTML 67Page - Amphenol Corporation CS3102E18-3PX Hoja de datos HTML 68Page - Amphenol Corporation CS3102E18-3PX Hoja de datos HTML 69Page - Amphenol Corporation CS3102E18-3PX Hoja de datos HTML 70Page - Amphenol Corporation CS3102E18-3PX Hoja de datos HTML 71Page - Amphenol Corporation CS3102E18-3PX Hoja de datos HTML 72Page - Amphenol Corporation CS3102E18-3PX Hoja de datos HTML 73Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
69
When proprietary crimp contacts are employed rather
than the standard MS approved solder contacts, the fol-
lowing application tools are recommended for use. There
is a possibility of additional crimping tools other than
those included being available at present or in the future
for this specific application.
Complete instructions for providing reliable crimped wire
to contact terminations and inserting proprietary crimp
contacts in MS/Standard series connectors are available
in publication L-757.
* Use Daniels Turret TH29-1 or Astro Tool Co. Turret 616266.
** For appropriate crimp tool and positioner refer to Pico Crimping Tool Co.
† Tool used with Arbor press 11-7364.
TOOLING CHART
Crimping
Tool
Positioner/
Turret
Contact
Size
Contact
Style
Insertion
Tool
Removal
Tool
M22520/1-01
*
16
Pin & Socket
11-7345
11-8250 Kit
M22520/1-01
*
12
Pin & Socket
11-7082
11-8250 Kit
**
**
8
Pin & Socket
11-8220
11-8250 Kit
**
**
4
Pin & Socket
11-7365-4†
Pin 11-7370-4†
Socket 11-7674-2†
**
**
0
Pin & Socket
11-7365-5†
Pin 11-7370-5†
Socket 11-7674-3†
MS/Standard
application tools


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn