Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 72 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3102E18-3PX Datasheet(HTML) 72 Page - Amphenol Corporation

Back Button CS3102E18-3PX Hoja de datos HTML 65Page - Amphenol Corporation CS3102E18-3PX Hoja de datos HTML 66Page - Amphenol Corporation CS3102E18-3PX Hoja de datos HTML 67Page - Amphenol Corporation CS3102E18-3PX Hoja de datos HTML 68Page - Amphenol Corporation CS3102E18-3PX Hoja de datos HTML 69Page - Amphenol Corporation CS3102E18-3PX Hoja de datos HTML 70Page - Amphenol Corporation CS3102E18-3PX Hoja de datos HTML 71Page - Amphenol Corporation CS3102E18-3PX Hoja de datos HTML 72Page - Amphenol Corporation CS3102E18-3PX Hoja de datos HTML 73Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 72 / 73 page
background image
71
Amphenol®/Matrix® MS/Standard MIL-C-5015
Connectors with Crimp Rear Release Contacts
MS/Standard MIL-DTL-5015* Connectors with Crimp Rear
Release Contacts
Amphenol broadens their MS/Standard family of connectors with the
addition of the Matrix® MIL-DTL-5015 crimp rear release series. This
series bridges the gap between the old connector standard and the envi-
ronmental and high performance needs of current technologies.
Design characteristics of the Amphenol/Matrix 5015 series include:
MS345( ) series intermateable with existing MIL-DTL-5015 solder
or crimp versions on existing equipment
Captive coupling nut mechanism, utilizes retaining rings in combina-
tion with “L” washers to prevent inadvertent disassembly
Multiple interlock systems ensure permanent insert retention
Positive control of dielectric separation with guaranteed ease of
contact insertion
Positive contact retention provided by a closely toleranced damage-
proof metal retention clip
Completely sealed against environmental extremes with individual
contact seals, interfacial seals between contacts, peripheral gasket
shell-to-shell seals and rear wire seals
Customer Options
Seven mounting styles, in shell sizes 8 to 48 (consult Amphenol for availability of shell sizes 44 and 48)
Threaded coupling or self-locking plug (MS3459) with an internal racheting mechanism to prevent
unmating due to vibration and shock, eliminating the need for safety wiring
Proprietary quick disconnect plug, with or without lanyard available
Classes include aluminum or stainless steel shells, or firewall capability
MS and Proprietary versions available
Some styles are supplied to McDonnell Douglas Specification BAN 7025, DC60 Series
Accommodation of contact sizes 0 to 16
Over 100 insert arrangement patterns available, accommodating from 1 to a maximum of 85 circuits
Alternate positioning available; thermocouple contacts available
Ask for Amphenol catalog 12-026 for detailed information.
MIL-5015 Modifications
In order to supplement standard MS shell styles and provide a greater variety of styles for the electrical connector
user, there are several MS and MS Modified cylindrical connectors offered by Amphenol. These types include flange
mount plugs, thru bulkhead receptacles, jam nut receptacles, connectors for potting and connectors designed specif-
ically to terminate jacketed cable.
Ask for Amphenol catalog 12-021 for detailed information.
97 Series, MIL-5015 Type Connectors
The low cost, general duty connector used extensively in the machine
tool industry, welding industry and numerous other industrial applica-
tions, is the Amphenol® 97 Series. Offered in non-environmental styles,
these connectors have hard dielectric inserts and threaded coupling.
They are Underwriters Laboratories Recognized and Canadian Stan-
dards Association Certified.
Ask for Amphenol catalog 12-022 for detailed information.
Pre-Earth FMLB Connectors
Designed for applications where a protective circuit from the ground con-
tact to the shell is a safety requirement, Pre-earth connectors use MIL-
5015 type shells, inserts and arrangements. They have first mate, last
break capability; when mated this feature protects operators and sensi-
tive circuits.
Ask for Product Data Sheet PDS 187 for detailed information.
Additional MS/Standard Connectors
offered by Amphenol
97 Series, MIL-C-5015 Type Connectors
* Note: MIL-DTL-5015 supercedes MIL-C-
5015 for all Amphenol/Matrix rear release
crimp type connectors.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn