Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 73 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 73 Page - Amphenol Corporation

 
Zoom Inzoom in Zoom Outzoom out
 73 / 73 page
background image
72
Amphe-PowerTM 5015 Connectors
Amphenol offers the AC threaded series derived from the MIL-5015
family that can be enhanced with high amperage RADSOK® contacts.
Design characteristics of the Amphe-Power 5015 connectors are:
The RADSOK contact handles up to 150% higher amperages than
standard contacts
The RADSOK contact has a twisted hyperbolic, stamped grid config-
uration within the socket. This design ensures a large, coaxial, face-
to-face surface area engagement. As male pin is inserted, axial
members in the female half deflect, imparting high current flow
across the connection with minimal voltage loss.
Contact arrangements have RADSOK sockets in sizes 0, 4 and 8
with standard contacts in sizes 16 and 12.
The contacts available in RADSOK and the amperages are as fol-
lows:
Size 8 AWG can handle currents up to 69 amps.
Size 4 AWG can handle currents up to 120 amps.
Size 0 AWG can handle currents up to 250 amps.
(For availability of size 12 RADSOK that handles currents
up to 35 amps, consult Amphenol.)
AC threaded 5015 styles include: solid shell for general,
non-environmental applications; pressurized style for use
on pressurized bulkheads or pressure barriers; environ-
mental resisting style with strain relief; lighter weight and
shorter environmental resisting style
For more information ask for Amphenol brochure SL-391,
Amphe-Power Connectors with RADSOK technology.
MIL-5015 Connectors with PCB Contacts
Box mount receptacle MIL-5015 type connectors can be
supplied with PCB tails for mounting to a printed circuit
board.
See catalog 12-170, Amphenol Cylindrical Connectors for
Printed Circuit Board Applications. This catalog gives the
most commonly available and widely used insert patterns for
cylindrical connectors with PCB tails, along with pin-out loca-
tion diagrams.
Additional MS/Standard Connectors
offered by Amphenol, cont.
Amphe-Power® 5015 Connectors
(AC Threaded 5015 type connectors with RADSOK® high
amperage contacts)
The RADSOK design - socket
cylinder within female contact
has twisted hyperbolic grid.
Provides higher amperage capa-
bilities with low insertion force
and low temperature rise.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn