Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 9 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 9 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
8
L
Z
J
V
Thread
A
Thread
Q
Shell
Size
A
Thread
Class 2B
J
±.005
L
±.030
Q
Dia.
Max.
V
Thread
Class 2A
Z
±.045
8S
.5000-28UNEF
.531
.859
.741
.5000-28UNEF
.562
10S
.6250-24NEF
.531
.937
.869
.5000-28UNEF
.562
10SL
.6250-24NEF
.531
.937
.946
.6250-24NEF
.562
12S
.7500-20UNEF
.531
.937
.995
.6250-24NEF
.562
12
.7500-20UNEF
.719
1.124
.995
.6250-24NEF
.812
14S
.8750-20UNEF
.531
.937
1.123
.7500-20UNEF
.562
14
.8750-20UNEF
.719
1.124
1.123
.7500-20UNEF
.812
16S
1.0000-20UNEF
.531
.937
1.250
.8750-20UNEF
.562
16
1.0000-20UNEF
.719
1.124
1.250
.8750-20UNEF
.812
18
1.1250-18NEF
.719
1.219
1.333
1.0000-20UNEF
.812*
20
1.2500-18NEF
.719
1.125
1.461
1.1875-18NEF
.812*
22
1.3750-18NEF
.719
1.219
1.588
1.1875-18NEF
.812*
24
1.5000-18NEF
.719
1.251
1.715
1.4375-18NEF
.812*
28
1.7500-18NS
.719
1.470
1.968
1.4375-18NEF
.812*
32
2.0000-18NS
.719
1.439
2.209
1.7500-18NS
.812*
36
2.2500-16UN
.719
1.500
2.463
2.0000-18NS
.812*
40
2.5000-16UN
.719
1.469
2.719
2.2500-16UN
.812*
44***
2.7500-16UN
.719
1.818†
3.084
2.5000-16UN
1.063**
48***
3.3000-16UN
.719
1.818†
3.354
3.0000-16UN
1.063**
MS/Standard
MS3106A
straight plug
To complete order number, see “how to order” pg. 70.
For solder well data, see page 67.
All lockwire holes are .045 dia. min.
* Increase Z dimension by .312 for size “0” contact only.
** Increase Z dimension by .062 for size “0” contact only.
*** Available in proprietary version only.
† +.020 –.030


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn