Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 12 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 12 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
11
SR
T
4 Holes
S
R
A Thread
B
M
KZ
XX
P
L
Shell
Size
A
Thread
Class 2A
B
Min.
Full
Thread
K
+.020
–.010
L
Max.
M
+.010
–.000
P
Max.
R
±.005
S
±.010
T
Dia.
+.004
–.002
Z*
Max.
XX
Min.
Cable
Clearance
10SL
.6250-24UNEF
.391
.672
2.129
.562
.896
.719
1.000
.120
.472
.281
12S
.7500-20UNEF
.450
.672
2.129
.562
.896
.812
1.094
.120
.472
.281
12
.7500-20UNEF
.625
.860
2.129
.750
.896
.812
1.094
.120
.722
.281
14S
.8750-20UNEF
.450
.672
2.201
.562
1.021
.906
1.188
.120
.472
.406
14
.8750-20UNEF
.625
.860
2.524
.750
1.021
.906
1.188
.120
.722
.406
16S
1.0000-20UNEF
.450
.672
2.201
.562
1.151
.969
1.281
.120
.472
.500
16
1.0000-20UNEF
.625
.860
2.524
.750
1.151
.969
1.281
.120
.722
.500
18
1.1250-18UNEF
.625
.891
2.596
.750
1.242
1.063
1.375
.120
.691
.531
20
1.2500-18UNEF
.625
.891
2.654
.750
1.499
1.156
1.500
.120
.691
.656
22
1.3750-18UNEF
.625
.891
2.654
.750
1.499
1.250
1.625
.120
.691
.740
24
1.5000-18UNEF
.625
.953
2.885
.812
1.781
1.375
1.750
.147
.628
.781
28
1.7500-18UNS
.625
.953
2.885
.812
1.781
1.562
2.000
.147
.628
.922
32
2.0000-18UNS
.625
1.031
2.943
.875
2.087
1.750
2.250
.173
.550
1.156
36
2.2500-16UN
.625
1.031
2.943
.875
2.281
1.938
2.500
.173
.550
1.250
40
2.5000-16UN
.625
1.031
3.068
.875
2.581
2.188
2.750
.173
.550
1.562
MS/Standard
MS3100E/F
wall mounting receptacle
To complete order number, see “how to order” pg. 70.
For solder well data, see page 67.
* Increase Z dimension by .312 for size “0” contact only.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn