Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 18 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 18 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
17
L
B
A
Thread
Y
H
P
K
MZ
S
R
R
S
T
4 Holes
Shell
Size
A
Thread
Class 2A
B
Min.
Full
Thread
H
Dia.
Max.
K
+.020
–.010
L
Max.
M
+.010
–.000
P
Dia.
Max.
R
±.005
S
±.031
Y
Thread
Class 2
T
Dia.
+.004
–.002
Z
+.050
–.060
8S
.5000-28UNEF
.391
.959
.672
1.588
.562
.557
.594
.875
6-32NC
.120
.422
10S
.6250-24NEF
.391
1.026
.672
1.588
.562
.682
.719
1.000
6-32NC
.120
.422
10SL
.6250-24NEF
.391
1.120
.672
1.588
.562
.807
.719
1.000
6-32NC
.120
.422
12S
.7500-20UNEF
.450
1.120
.672
1.588
.562
.807
.812
1.094
6-32NC
.120
.422
12
.7500-20UNEF
.625
1.120
.860
1.931
.750
.807
.812
1.094
6-32NC
.120
.672
14S
.8750-20UNEF
.450
1.307
.672
1.588
.562
.932
.906
1.188
6-32NC
.120
.422
14
.8750-20UNEF
.625
1.307
.860
1.931
.750
.932
.906
1.188
6-32NC
.120
.672
16S
1.0000-20UNEF
.450
1.432
.672
1.588
.562
1.057
.969
1.281
6-32NC
.120
.422
16
1.0000-20UNEF
.625
1.432
.860
1.931
.750
1.057
.969
1.281
6-32NC
.120
.672
18
1.1250-18NEF
.625
1.557
.891
1.931
.750
1.182
1.063
1.375
6-32NC
.120
.641*
20
1.2500-18NEF
.625
1.744
.891
1.931
.750
1.291
1.156
1.500
8-32NC
.120
.641*
22
1.3750-18NEF
.625
1.869
.891
1.931
.750
1.432
1.250
1.625
8-32NC
.120
.641*
24
1.5000-18NEF
.625
1.994
.953
2.009
.812
1.557
1.375
1.750
8-32NC
.147
.578*
28
1.7500-18NS
.625
2.166
.953
2.009
.812
1.807
1.562
2.000
8-32NC
.147
.578*
32
2.0000-18NS
.625
2.541
1.031
2.072
.875
2.057
1.750
2.250
10-32NF
.173
.500*
36
2.2500-16UN
.625
2.729
1.031
2.072
.875
2.260
1.938
2.500
10-32NF
.173
.500*
40
2.5000-16UN
.625
2.979
1.031
2.072
.875
2.260
2.510
2.750
10-32NF
.173
.500*
MS/Standard
MS3100R
wall mounting receptacle
To complete order number, see “how to order” pg. 70.
For solder well data, see page 67.
All lockwire holes are .045 dia. min.
* Increase Z dimension by .312 for size “0” contact only.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn