Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 19 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 19 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
18
L
Z
B
A
Thread
Y
Thread
F
J
Shell
Size
A
Thread
Class 2A
B
Min.
Full
Thread
F
Dia.
Max.
J
Dia.
Max.
L
Max.
Y
Thread
Class 2
Z
±.040
8S
.5000-28UNEF
.406
.959
.557
1.588
6-32NC
1.094
10S
.6250-24NEF
.406
1.026
.682
1.588
6-32NC
1.094
10SL
.6250-24NEF
.406
1.120
.807
1.588
6-32NC
1.094
12S
.7500-20UNEF
.422
1.120
.807
1.588
6-32NC
1.094
12
.7500-20UNEF
.656
1.120
.807
1.931
6-32NC
1.532
14S
.8750-20UNEF
.391
1.307
.932
1.588
6-32NC
1.094
14
.8750-20UNEF
.625
1.307
.932
1.931
6-32NC
1.532
16S
1.0000-20UNEF
.391
1.432
1.057
1.588
6-32NC
1.094
16
1.0000-20UNEF
.625
1.432
1.057
1.931
6-32NC
1.532
18
1.1250-18NEF
.625
1.557
1.182
1.931
6-32NC
1.532*
20
1.2500-18NEF
.625
1.744
1.291
1.931
8-32NC
1.532*
22
1.3750-18NEF
.625
1.869
1.432
1.931
8-32NC
1.532*
24
1.5000-18NEF
.625
1.994
1.557
2.009
8-32NC
1.532*
28
1.7500-18NS
.625
2.166
1.807
2.009
8-32NC
1.532*
32
2.0000-18NS
.625
2.541
2.057
2.072
10-32NF
1.532*
36
2.2500-16UN
.625
2.729
2.260
2.072
10-32NF
1.532*
40
2.5000-16UN
.625
2.979
2.510
2.072
10-32NF
1.532*
MS/Standard
MS3101R
cable connecting plug
To complete order number, see “how to order” pg. 70.
For solder well data, see page 67.
All lockwire holes are .045 dia. min.
* Increase Z dimension by .312 for size “0” contact only.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn