Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPSA475K010R1400 Datasheet(PDF) 4 Page - AVX Corporation

No. de pieza TPSA475K010R1400
Descripción Electrónicos  Tantalum and Niobium Oxide Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

TPSA475K010R1400 Datasheet(HTML) 4 Page - AVX Corporation

  TPSA475K010R1400 Datasheet HTML 1Page - AVX Corporation TPSA475K010R1400 Datasheet HTML 2Page - AVX Corporation TPSA475K010R1400 Datasheet HTML 3Page - AVX Corporation TPSA475K010R1400 Datasheet HTML 4Page - AVX Corporation TPSA475K010R1400 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MAY 2013
147
Reel Size
Tape
A
B
C
W
t
180mm (7")
12mm 178±2.00 50 min 13.0±0.50 12.4+1.5/-0 1.50±0.50
180mm (7")
8mm 178±2.00 50 min 13.0±0.50
8.4+1.5/-0 1.50±0.50
330mm (13")
12mm 328±2.00 50 min 13.0±0.50 12.4+1.5/-0 1.50±0.50
330mm (13")
8mm 328±2.00 50 min 13.0±0.50
8.4+1.5/-0 1.50±0.50
108mm (4.25") 8mm 108±2.00
13.0±0.50
8.4+1.5/-0 1.50±0.50
Tantalum & Niobium Oxide Capacitors
(excluding F-series)
Tape & Reel Packaging
anode
A0
K
W
P0
P2
P
G
F
B0
D
E
D1
C
t
B
W
A
REEL DIMENSIONS
COVER TAPE NOMINAL DIMENSIONS
Thickness:
75μm
Width of tape: 5.5mm (8mm tape)
9.5mm (12mm tape)


Número de pieza similar - TPSA475K010R1400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
TPSA475*010#1400 AVX-TPSA475*010#1400 Datasheet
199Kb / 16P
   Low ESR
TPSA475*010T1400 AVX-TPSA475*010T1400 Datasheet
199Kb / 16P
   Low ESR
TPSA475*016#2000 AVX-TPSA475*016#2000 Datasheet
199Kb / 16P
   Low ESR
TPSA475*016T2000 AVX-TPSA475*016T2000 Datasheet
199Kb / 16P
   Low ESR
TPSA475*020#1800 AVX-TPSA475*020#1800 Datasheet
199Kb / 16P
   Low ESR
More results

Descripción similar - TPSA475K010R1400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
TPSA154M050R9000 AVX-TPSA154M050R9000 Datasheet
140Kb / 6P
   Tantalum Capacitors Niobium Oxide Capacitors (OxiCapTM)
NOJ AVX-NOJ Datasheet
185Kb / 7P
   Standard and Low Profile Niobium Oxide Capacitors
NOJA106M006RWJ AVX-NOJA106M006RWJ Datasheet
120Kb / 4P
   Niobium Oxide Capacitor
NOSD107M006R0100V AVX-NOSD107M006R0100V Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
NOM AVX-NOM Datasheet
192Kb / 4P
   Niobium Oxide Capacitor
NOJA156M010RWJ AVX-NOJA156M010RWJ Datasheet
116Kb / 4P
   Niobium Oxide Capacitor
NOJB226M01 AVX-NOJB226M01 Datasheet
115Kb / 4P
   Niobium Oxide Capacitor
NOJD107M006RWJ AVX-NOJD107M006RWJ Datasheet
128Kb / 4P
   Niobium Oxide Capacitor
NOS AVX-NOS Datasheet
208Kb / 7P
   Niobium Oxide Capacitor
NLJ AVX-NLJ Datasheet
189Kb / 4P
   Niobium Oxide Capacitors High CV Consumer Series
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com