Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD3200S040S0R1 Datasheet(PDF) 3 Page - AVX Corporation

No. de Pieza. SD3200S040S0R1
Descripción  Schottky Barrier Rectifier Diode
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

SD3200S040S0R1 Datasheet(HTML) 3 Page - AVX Corporation

  SD3200S040S0R1 Hoja de datos HTML 1Page - AVX Corporation SD3200S040S0R1 Hoja de datos HTML 2Page - AVX Corporation SD3200S040S0R1 Hoja de datos HTML 3Page - AVX Corporation SD3200S040S0R1 Hoja de datos HTML 4Page - AVX Corporation SD3200S040S0R1 Hoja de datos HTML 5Page - AVX Corporation SD3200S040S0R1 Hoja de datos HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Max
Max
Max Peak
Reverse
Forward
Forward
Reverse Current
Forward Voltage Vf
Voltage
Current
Surge
IRRM
Rth JA
Rth JL
Cj
AVX PN
Size
Current
VRRM
IF
IFSM
Typ
Max
IF
Min
Max
V
A
A
mA
mA
A
V
V
ºC/W
ºC/W
pF
SD1206S040L2R0
1206
40
2.0
40
0.28
1.0
2.0
0.39
0.40
70
22
115
SD1206T020S0R5
1206
20
0.5
15
0.01
0.05
0.5
0.4
0.42
88
28
120
SD1206T040S0R5
1206
40
0.5
15
0.01
0.05
0.5
0.45
0.48
88
28
120
SD1206T060S0R5
1206
60
0.5
15
0.01
0.05
0.5
0.48
0.55
88
28
120
SD1206T020S1R0
1206
20
1.0
20
0.015
0.2
1.0
0.46
0.50
88
28
110
SD1206T040S1R0
1206
40
1.0
20
0.015
0.2
1.0
0.46
0.50
88
28
110
SD1206T060S1R0
1206
60
1.0
20
0.015
0.2
1.0
0.62
0.70
88
28
110
SD1206T100S1R0
1206
100
1.0
20
0.015
0.2
1.0
0.76
0.85
88
28
110
SD1206T020S2R0
1206
20
2.0
40
0.03
0.2
2.0
0.47
0.50
75
17
115
SD1206T040S2R0
1206
40
2.0
40
0.03
0.2
2.0
0.47
0.50
75
17
115
SD1206T060S2R0
1206
60
2.0
40
0.03
0.2
2.0
0.58
0.75
75
17
115
SD1206T100S2R0
1206
100
2.0
40
0.03
0.2
2.0
0.75
0.85
75
17
115
SD1206T040S3R0
1206
40
3.0
40
0.03
0.2
3.0
0.53
0.55
88
28
110
SD1206T060S3R0
1206
60
3.0
40
0.03
0.2
3.0
0.75
0.80
88
28
110
SD1206T020L1R0
1206
20
1.0
25
0.3
1.0
1.0
0.37
0.38
88
28
115
SD1206T040L1R0
1206
40
1.0
25
0.3
1.0
1.0
0.37
0.38
88
28
115
SD0805S020S0R1
0805
20.0
0.1
2.0
0.004
0.03
0.1
0.38
0.45
160
110
18
SD0805S040S0R1
0805
40.0
0.1
2.0
0.004
0.03
0.1
0.4
0.50
160
110
18
SD0805S020S0R2
0805
20.0
0.2
2.0
0.008
0.05
0.2
0.42
0.45
160
110
15
SD0805S040S0R2
0805
40.0
0.2
2.0
0.008
0.05
0.2
0.45
0.50
160
110
15
SD0805S020S0R3
0805
20.0
0.3
2.0
0.008
0.05
0.3
0.47
0.50
160
110
30
SD0805S040S0R3
0805
40.0
0.3
2.0
0.008
0.05
0.3
0.47
0.50
160
110
30
SD0805S020S0R5
0805
20.0
0.5
5.0
0.015
0.1
0.5
0.4
0.44
120
28
28
SD0805S030S0R5
0805
30.0
0.5
5.0
0.015
0.1
0.5
0.4
0.46
120
28
28
SD0805S040S0R5
0805
40.0
0.5
5.0
0.015
0.1
0.5
0.4
0.48
120
28
28
SD0805S020S1R0
0805
20.0
1.0
10.0
0.028
0.2
1.0
0.42
0.45
120
28
115
SD0805S040S1R0
0805
40.0
1.0
10.0
0.008
0.05
1.0
0.49
0.55
88
28
110
SD0805S060S1R0
0805
60.0
1.0
10.0
0.028
0.2
1.0
0.62
0.65
120
28
115
SD0805S020L1R0
0805
20.0
1.0
10.0
0.3
1.0
1.0
0.37
0.38
88
28
115
SD0805S040L1R0
0805
40.0
1.0
10.0
0.3
1.0
1.0
0.37
0.38
88
28
115
SD0603S020S0R1
0603
20
0.1
2
0.008
0.05
0.100
0.38
0.40
160
110
30
SD0603S040S0R1
0603
40
0.1
2
0.008
0.05
0.100
0.38
0.40
160
110
30
SD0603S020S0R2
0603
20
0.2
2
0.008
0.05
0.200
0.43
0.45
160
110
35
SD0603S040S0R2
0603
40
0.2
2
0.0005
0.0010
0.200
0.43
0.45
160
110
35
SD0603S020S0R3
0603
20
0.3
2
0.008
0.05
0.300
0.47
0.50
160
110
35
SD0603S040S0R3
0603
40
0.3
2
0.008
0.05
0.300
0.47
0.50
160
110
35
Schottky Barrier Rectifier Diode
Lead-less Chip Form
Schottky Barrier Rectifier Diode
Lead-less Chip Form


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn