Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPSC107K050B0100V Datasheet(PDF) 11 Page - AVX Corporation |
|
TPSC107K050B0100V Datasheet(HTML) 11 Page - AVX Corporation |
11 / 11 page 56 I AUGUST 2013 TPS Series Low ESR RATINGS & PART NUMBER REFERENCE Rated DCL DF ESR 100kHz RMS Current (A) 100kHz RMS Voltage (V) AVX Case Capacitance Voltage (μA) % Max. (mΩ) MSL Part No. Size (μF) (V) Max. Max. @100kHz 25ºC 85ºC 125ºC 25ºC 85ºC 125ºC TPSY106*035#0250 Y 10 35 3.5 6 250 1 1) 0.707 0.636 0.283 0.177 0.159 0.071 TPSC156*035#0350 C 15 35 5.3 6 350 1 0.561 0.505 0.224 0.196 0.177 0.078 TPSC156*035#0450 C 15 35 5.3 6 450 1 0.494 0.445 0.198 0.222 0.200 0.089 TPSD156*035#0100 D 15 35 5.3 6 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSD156*035#0300 D 15 35 5.3 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 TPSY156*035#0250 Y 15 35 5.3 6 250 1 1) 0.707 0.636 0.283 0.177 0.159 0.071 TPSD226*035#0125 D 22 35 7.7 6 125 1 1.095 0.986 0.438 0.137 0.123 0.055 TPSD226*035#0200 D 22 35 7.7 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 TPSD226*035#0300 D 22 35 7.7 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 TPSD226*035#0400 D 22 35 7.7 6 400 1 0.612 0.551 0.245 0.245 0.220 0.098 TPSE226*035#0125 E 22 35 7.7 6 125 1 1) 1.149 1.034 0.460 0.144 0.129 0.057 TPSE226*035#0200 E 22 35 7.7 6 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 TPSE226*035#0300 E 22 35 7.7 6 300 1 1) 0.742 0.667 0.297 0.222 0.200 0.089 TPSY226*035#0200 Y 22 35 7.7 6 200 1 1) 0.791 0.712 0.316 0.158 0.142 0.063 TPSD336*035#0200 D 33 35 11.6 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 TPSD336*035#0300 D 33 35 11.6 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 TPSE336*035#0100 E 33 35 11.6 6 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSE336*035#0250 E 33 35 11.6 6 250 1 1) 0.812 0.731 0.325 0.203 0.183 0.081 TPSE336*035#0300 E 33 35 11.6 6 300 1 1) 0.742 0.667 0.297 0.222 0.200 0.089 TPSV336*035#0200 V 33 35 11.6 6 200 1 1) 1.118 1.006 0.447 0.224 0.201 0.089 TPSE476*035#0200 E 47 35 16.5 6 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 TPSE476*035#0250 E 47 35 16.5 6 250 1 1) 0.812 0.731 0.325 0.203 0.183 0.081 TPSV476*035#0150 V 47 35 16.5 6 150 1 1) 1.291 1.162 0.516 0.194 0.174 0.077 TPSV476*035#0200 V 47 35 16.5 6 200 1 1) 1.118 1.006 0.447 0.224 0.201 0.089 TPSV686*035#0150 V 68 35 23.8 6 150 1 1) 1.291 1.162 0.516 0.194 0.174 0.077 TPSV686*035#0200 V 68 35 23.8 6 200 1 1) 1.118 1.006 0.447 0.224 0.201 0.089 50 Volt @ 85ºC (33 Volt @ 125ºC) TPSA154*050#9000 A 0.15 50 0.5 4 9000 1 0.091 0.082 0.037 0.822 0.739 0.329 TPSA224*050#7000 A 0.22 50 0.5 4 7000 1 0.104 0.093 0.041 0.725 0.652 0.290 TPSA334*050#7000 A 0.33 50 0.5 4 7000 1 0.104 0.093 0.041 0.725 0.652 0.290 TPSA474*050#6500 A 0.47 50 0.5 4 6500 1 0.107 0.097 0.043 0.698 0.628 0.279 TPSB474*050#6000 B 0.47 50 0.5 4 6000 1 0.119 0.107 0.048 0.714 0.643 0.286 TPSC474*050#2300 C 0.47 50 0.5 4 2300 1 0.219 0.197 0.087 0.503 0.453 0.201 TPSB684*050#4000 B 0.68 50 0.5 4 4000 1 0.146 0.131 0.058 0.583 0.525 0.233 TPSB105*050#3000 B 1 50 0.5 6 3000 1 0.168 0.151 0.067 0.505 0.454 0.202 TPSC105*050#2500 C 1 50 0.5 4 2500 1 0.210 0.189 0.084 0.524 0.472 0.210 TPSC155*050#1500 C 1.5 50 0.8 6 1500 1 0.271 0.244 0.108 0.406 0.366 0.162 TPSC155*050#2000 C 1.5 50 0.8 6 2000 1 0.235 0.211 0.094 0.469 0.422 0.188 TPSC225*050#1500 C 2.2 50 1.1 8 1500 1 0.271 0.244 0.108 0.406 0.366 0.162 TPSD225*050#1200 D 2.2 50 1.1 6 1200 1 0.354 0.318 0.141 0.424 0.382 0.170 TPSC335*050#1000 C 3.3 50 1.6 6 1000 1 0.332 0.298 0.133 0.332 0.298 0.133 TPSD335*050#0800 D 3.3 50 1.7 6 800 1 0.433 0.390 0.173 0.346 0.312 0.139 TPSC475*050#0800 C 4.7 50 2.4 6 800 1 0.371 0.334 0.148 0.297 0.267 0.119 TPSD475*050#0300 D 4.7 50 2.4 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 TPSD475*050#0500 D 4.7 50 2.4 6 500 1 0.548 0.493 0.219 0.274 0.246 0.110 TPSD475*050#0700 D 4.7 50 2.4 6 700 1 0.463 0.417 0.185 0.324 0.292 0.130 TPSD685*050#0200 D 6.8 50 3.4 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 TPSD685*050#0300 D 6.8 50 3.4 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 TPSD685*050#0500 D 6.8 50 3.4 6 500 1 0.548 0.493 0.219 0.274 0.246 0.110 TPSD685*050#0600 D 6.8 50 3.4 6 600 1 0.500 0.450 0.200 0.300 0.270 0.120 TPSD106*050#0500 D 10 50 5 6 500 1 0.548 0.493 0.219 0.274 0.246 0.110 TPSE106*050#0250 E 10 50 5 6 250 1 1) 0.812 0.731 0.325 0.203 0.183 0.081 TPSE106*050#0300 E 10 50 5 6 300 1 1) 0.742 0.667 0.297 0.222 0.200 0.089 TPSE106*050#0400 E 10 50 5 6 400 1 1) 0.642 0.578 0.257 0.257 0.231 0.103 TPSE106*050#0500 E 10 50 5 6 500 1 1) 0.574 0.517 0.230 0.287 0.259 0.115 TPSE156*050#0250 E 15 50 7.5 6 250 1 1) 0.812 0.731 0.325 0.203 0.183 0.081 TPSV156*050#0250 V 15 50 7.5 6 250 1 1) 1.000 0.900 0.400 0.250 0.225 0.100 11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3. Moisture Sensitivity Level (MSL) is defined according to J-STD-020. For AEC-Q200 availability, please contact AVX. All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting. For typical weight and composition see page 146. NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. |
Número de pieza similar - TPSC107K050B0100V |
|
Descripción similar - TPSC107K050B0100V |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |