Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD3200S040L0R3 Datasheet(PDF) 2 Page - AVX Corporation

No. de Pieza. SD3200S040L0R3
Descripción  Schottky Barrier Rectifier Diode
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo 

SD3200S040L0R3 Datasheet(HTML) 2 Page - AVX Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ELECTRICAL CHARACTERISTICS
Max
Max
Max Peak
Reverse
Forward
Forward
Reverse Current
Forward Voltage Vf
Voltage
Current
Surge
IRRM
Rth JA
Rth JL
Cj
AVX PN
Size
Current
VRRM
IF
IFSM
Typ
Max
IF
Min
Max
V
A
A
mA
mA
A
V
V
ºC/W
ºC/W
pF
SD3220S020S3R0
3220
20
3
100
0.025
0.5
3
0.47
0.50
55
17
180
SD3220S040S3R0
3220
40
3
100
0.025
0.5
3
0.47
0.50
55
17
180
SD3220S060S3R0
3220
60
3
100
0.025
0.5
3
0.65
0.70
55
17
180
SD3220S100S3R0
3220
100
3
100
0.025
0.5
3
0.78
0.85
55
17
180
SD3220S020S5R0
3220
20
5
130
0.045
0.5
5
0.52
0.55
55
17
180
SD3220S040S5R0
3220
40
5
130
0.045
0.5
5
0.52
0.55
55
17
180
SD3220S060S5R0
3220
60
5
130
0.045
0.5
5
0.65
0.70
55
17
180
SD3220S100S5R0
3220
100
5
130
0.045
0.5
5
0.79
0.85
55
17
180
SD2114S020S3R0
2114
20
3
80
0.04
0.5
3
0.48
0.50
55
17
180
SD2114S040S3R0
2114
40
3
80
0.04
0.5
3
0.48
0.50
55
17
180
SD2114S060S3R0
2114
60
3
80
0.04
0.5
3
0.65
0.70
55
17
180
SD2114S100S3R0
2114
100
3
80
0.04
0.5
3
0.78
0.85
55
17
180
SD2114S020S5R0
2114
20
5
105
0.045
0.5
5
0.5
0.55
55
17
250
SD2114S040S5R0
2114
40
5
105
0.045
0.5
5
0.5
0.55
55
17
250
SD2114S060S5R0
2114
60
5
105
0.045
0.5
5
0.65
0.70
55
17
250
SD2114S100S5R0
2114
100
5
105
0.045
0.5
5
0.79
0.85
55
17
250
SD2114S040S8R0
2114
40
8
135
0.045
0.5
8
0.53
0.55
55
17
450
SD2010S020S1R0
2010
20
1
30
0.02
0.2
1
0.47
0.50
88
28
110
SD2010S040S1R0
2010
40
1
30
0.02
0.2
1
0.47
0.50
88
28
110
SD2010S060S1R0
2010
60
1
30
0.02
0.2
1
0.6
0.70
88
28
110
SD2010S100S1R0
2010
100
1
30
0.02
0.2
1
0.76
0.85
88
28
110
SD2010S150S1R0
2010
150
1
30
0.001
0.05
1
0.83
0.88
88
28
110
SD2010S200S1R0
2010
200
1
30
0.001
0.05
1
0.86
0.90
88
28
110
SD2010S020S2R0
2010
20
2
50
0.025
0.2
2
0.49
0.50
75
17
115
SD2010S040S2R0
2010
40
2
50
0.025
0.2
2
0.49
0.50
75
17
115
SD2010S060S2R0
2010
60
2
50
0.025
0.2
2
0.6
0.70
75
17
115
SD2010S100S2R0
2010
100
2
50
0.025
0.2
2
0.75
0.85
75
17
115
SD2010S150S2R0
2010
150
2
50
0.001
0.2
2
0.83
0.88
88
28
110
SD2010S200S2R0
2010
200
2
50
0.001
0.2
2
0.86
0.90
88
28
110
SD2010S020S3R0
2010
20
3
80
0.02
0.2
3
0.46
0.50
86
24
120
SD2010S040S3R0
2010
40
3
80
0.02
0.2
3
0.46
0.50
86
24
120
SD2010S060S3R0
2010
60
3
80
0.02
0.2
3
0.58
0.70
86
24
120
SD2010S100S3R0
2010
100
3
80
0.02
0.2
3
0.75
0.85
86
24
120
SD2010S150S3R0
2010
150
3
80
0.001
0.05
3
0.83
0.88
88
28
110
SD2010S200S3R0
2010
200
3
80
0.001
0.05
3
0.86
0.90
88
28
110
SD2010S030S5R0
2010
30
5
80 
0.2 
3
0.42
0.44
55
17
210
SD2010S020L1R0
2010
20
1
30
0.35
1.0
1
0.37
0.38
55
17
115
SD2010S040L1R0
2010
40
1
30
0.35
1.0
1
0.37
0.38
55
17
115
SD2010S020L2R0
2010
20
2
50
0.28
1.0
2
0.39
0.40
70
17
115
SD2010S040L2R0
2010
40
2
50
0.28
1.0
2
0.39
0.40
70
17
115
SD2010S020L3R0
2010
20
3
80
0.55
1.0
3
0.39
0.42
55
17
120
SD2010S040L3R0
2010
40
3
80
0.55
1.0
3
0.39
0.42
55
17
120
SD2010S030L3R0
2010
30
3
70 
0.08
0.2
3
0.42
0.44
55
17
120
SD1206S020S0R5
1206
20
0.5
15
0.01
0.05
0.5
0.4
0.42
88
28
120
SD1206S040S0R5
1206
40
0.5
15
0.01
0.05
0.5
0.45
0.48
88
28
120
SD1206S020S1R0
1206
20
1.0
20
0.015
0.2
1.0
0.46
0.50
88
28
110
SD1206S040S1R0
1206
40
1.0
20
0.015
0.2
1.0
0.46
0.50
88
28
110
SD1206S060S1R0
1206
60
1.0
20
0.015
0.2
1.0
0.62
0.70
88
28
110
SD1206S100S1R0
1206
100
1.0
20
0.015
0.2
1.0
0.76
0.85
88
28
110
SD1206S020S2R0
1206
20
2.0
40
0.03
0.2
2.0
0.47
0.50
75
17
115
SD1206S040S2R0
1206
40
2.0
40
0.03
0.2
2.0
0.47
0.50
75
17
115
SD1206S060S2R0
1206
60
2.0
40
0.03
0.2
2.0
0.58
0.70
75
17
115
SD1206S100S2R0
1206
100
2.0
40
0.03
0.2
2.0
0.75
0.85
75
17
115
SD1206S020L1R0
1206
20
1.0
25
0.3
1.0
1.0
0.37
0.38
88
28
115
SD1206S040L1R0
1206
40
1.0
25
0.3
1.0
1.0
0.37
0.38
88
28
115
SD1206S020L2R0
1206
20
2.0
40
0.28
1.0
2.0
0.39
0.40
70
22
115
Schottky Barrier Rectifier Diode
Lead-less Chip Form
Schottky Barrier Rectifier Diode
Lead-less Chip Form


Html Pages

1  2  3  4  5  6