Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC4702 Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza 2SC4702
Descripción Electrónicos  Silicon NPN Epitaxial
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4702 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4702_11 Datasheet HTML 1Page - Renesas Technology Corp 2SC4702_11 Datasheet HTML 2Page - Renesas Technology Corp 2SC4702_11 Datasheet HTML 3Page - Renesas Technology Corp 2SC4702_11 Datasheet HTML 4Page - Renesas Technology Corp 2SC4702_11 Datasheet HTML 5Page - Renesas Technology Corp 2SC4702_11 Datasheet HTML 6Page - Renesas Technology Corp 2SC4702_11 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC4702
Preliminary
R07DS0275EJ0400 Rev.4.00
Page 3 of 5
Mar 28, 2011
Main Characteristics
150
100
50
Ambient Temperature Ta (°C)
0
150
50
100
Maximum Collector Dissipation Curve
Typical Output Characteristics
0
20406080
100
Collector to Emitter Voltage VCE (V)
10
8
6
4
2
Pulse Test
IB = 10 µA
20
30
40
50
80
100
60
Typical Transfer Characteristics
Base to Emitter Voltage VBE (V)
100
10
1.0
0.1
0.01
VCE = 6 V
Pulse Test
–25
25
Ta = 75
°C
1.0
0.8
0.6
0.4
0.2
0
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
0.1
1.0
10
100
1
10
100
1,000
VCE = 6 V
Pulse Test
–25
25
Ta = 75
°C
Collector to Emitter Saturation Voltage vs.
Collector Current
Collector Current IC (mA)
0.1
1.0
10
100
0.01
0.1
1.0
10
IC/IB = 10
Pulse Test
–25
25
Ta = 75
°C
Gain Bandwidth Product vs.
Collector Current
Collector Current IC (mA)
0.1
1.0
10
100
1
10
100
1,000
VCE = 6 V


Número de pieza similar - 2SC4702_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SC4702 RENESAS-2SC4702_15 Datasheet
150Kb / 7P
   Silicon NPN Epitaxial
More results

Descripción similar - 2SC4702_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com