Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3050-E-GSR Datasheet(PDF) 5 Page - Silicon Laboratories

No. de pieza SI3050-E-GSR
Descripción Electrónicos  PCM highway data interface law A-law companding SPI control interface GCl interface
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3050-E-GSR Datasheet(HTML) 5 Page - Silicon Laboratories

  SI3050-E-GSR Datasheet HTML 1Page - Silicon Laboratories SI3050-E-GSR Datasheet HTML 2Page - Silicon Laboratories SI3050-E-GSR Datasheet HTML 3Page - Silicon Laboratories SI3050-E-GSR Datasheet HTML 4Page - Silicon Laboratories SI3050-E-GSR Datasheet HTML 5Page - Silicon Laboratories SI3050-E-GSR Datasheet HTML 6Page - Silicon Laboratories SI3050-E-GSR Datasheet HTML 7Page - Silicon Laboratories SI3050-E-GSR Datasheet HTML 8Page - Silicon Laboratories SI3050-E-GSR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 112 page
background image
Si3050 + Si3018/19
Rev. 1.31
5
1. Electrical Specifications
Table 1. Recommended Operating Conditions and Thermal Information
Parameter1
Symbol
Test Condition
Min2
Typ
Max2
Unit
Ambient Temperature
TA
F/K-Grade
0
25
70
°C
B/G-Grade
–40
25
85
Si3050 Supply Voltage, Digital
VD
3.0
3.3
3.6
V
Thermal Resistance (Si3018/19)3
JA
SOIC-16
77
°C/W
TSSOP-16
89
°C/W
Thermal Resistance (Si3050)3
JA
TSSOP-20
84
°C/W
Notes:
1. The Si3050 specifications are guaranteed when the typical application circuit (including component tolerance) and any
Si3050 and any Si3018/19 are used. See "2. Typical Application Schematic" on page 17 for the typical application
circuit.
2. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
3. Operation above 125 °C junction temperature may degrade device reliability.


Número de pieza similar - SI3050-E-GSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI3050-E-GSR SILABS-SI3050-E-GSR Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
More results

Descripción similar - SI3050-E-GSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCM2911A TI-TCM2911A Datasheet
165Kb / 2P
[Old version datasheet]   PCM A-law codec
TMS320F28379S TI1-TMS320F28379S_16 Datasheet
2Mb / 213P
[Old version datasheet]   Programmable Control Law Accelerator
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
ams AG
AS3693C-9 AMSCO-AS3693C-9 Datasheet
1Mb / 30P
   SPI interface
logo
Device Engineering Inco...
DEI1090 DEIAZ-DEI1090 Datasheet
321Kb / 13P
   LED Driver with Square-Law Dimming Control
logo
Exar Corporation
XRT5683A EXAR-XRT5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XR-T5683A EXAR-XR-T5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
logo
Rohm
BA6138 ROHM-BA6138 Datasheet
106Kb / 4P
   Square-law compression amplifiers
logo
List of Unclassifed Man...
S3506I ETC1-S3506I Datasheet
1Mb / 16P
   CMOS Single Chip u-Law / A-Law Synchronous Combo Codecs With Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com