Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3201-GS Datasheet(PDF) 4 Page - Silicon Laboratories

No. de pieza SI3201-GS
Descripción Electrónicos  Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3201-GS Datasheet(HTML) 4 Page - Silicon Laboratories

  SI3201-GS Datasheet HTML 1Page - Silicon Laboratories SI3201-GS Datasheet HTML 2Page - Silicon Laboratories SI3201-GS Datasheet HTML 3Page - Silicon Laboratories SI3201-GS Datasheet HTML 4Page - Silicon Laboratories SI3201-GS Datasheet HTML 5Page - Silicon Laboratories SI3201-GS Datasheet HTML 6Page - Silicon Laboratories SI3201-GS Datasheet HTML 7Page - Silicon Laboratories SI3201-GS Datasheet HTML 8Page - Silicon Laboratories SI3201-GS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 148 page
background image
Si3210/Si3211
4
Rev. 1.61
Table 2. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min*
Typ
Max*
Unit
Ambient Temperature
TA
F-grade
0
25
70
°C
Ambient Temperature
TA
G-grade
–40
25
85
°C
Si3210/11 Supply Voltage
VDDD,VDDA1,
VDDA2
3.13
3.3/5.0
5.25
V
Si3201 Supply Voltage
VDD
3.13
3.3/5.0
5.25
V
Si3201 Battery Voltage
VBAT
VBATH =VBAT
–96
–10
V
*Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
Product specifications are only guaranteed for the typical application circuit (including component tolerances).
Table 3. AC Characteristics
(VDDA, VDDD = 3.13 to 5.25 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade)
Parameter
Test Condition
Min
Typ
Max
Unit
TX/RX Performance
Overload Level
THD = 1.5%
2.5
VPK
Single Frequency Distortion1
2-wire – PCM or
PCM – 2-wire:
200 Hz–3.4 kHz
——
–45
dB
Signal-to-(Noise + Distortion) Ratio2
200 Hz to 3.4 kHz
D/A or A/D 8-bit
Active off-hook, and OHT,
any ZAC
Figure 1
Audio Tone Generator
Signal-to-Distortion Ratio2
0 dBm0, Active off-hook,
and OHT, any Zac
45
dB
Intermodulation Distortion
–45
dB
Gain Accuracy2
2-wire to PCM, 1014 Hz
–0.5
0
0.5
dB
PCM to 2-wire, 1014 Hz
–0.5
0
0.5
dB
Gain Accuracy over Frequency
Figure 3,4
Group Delay over Frequency
Figure 5,6
Gain Tracking3
1014 Hz sine wave,
reference level –10 dBm
signal level:
3 to –37 dB
–0.25
0.25
dB
–37 to –50 dB
–0.5
0.5
dB
–50 to –60 dB
–1.0
1.0
dB
Round-Trip Group Delay
at 1000 Hz
1100
µs
Gain Step Accuracy
–6 to +6 dB
–0.017
0.017
dB
Gain Variation with Temperature
All gain settings
–0.25
0.25
dB
Gain Variation with Supply
VDDA =VDDA = 3.3/5 V ±5%
–0.1
0.1
dB


Número de pieza similar - SI3201-GS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI3201-GS SILABS-SI3201-GS Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3201-GS SILABS-SI3201-GS Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Si3201-GS SILABS-Si3201-GS Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
More results

Descripción similar - SI3201-GS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC3809-1 LINER-LTC3809-1 Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
logo
Analog Devices
ADP1829 AD-ADP1829 Datasheet
691Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. 0
ADP1823 AD-ADP1823 Datasheet
676Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. A
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
logo
Maxim Integrated Produc...
MAX20800 MAXIM-MAX20800_V01 Datasheet
1,010Kb / 9P
   MPP Tracking DC-DC Converter
19-8575; Rev 4; 2/18
logo
Linear Technology
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
logo
Analog Devices
ADP1822 AD-ADP1822_15 Datasheet
363Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. D
ADP1822 AD-ADP1822 Datasheet
447Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com