Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SI5330F-A00215-GM Datasheet(PDF) 11 Page - Silicon Laboratories |
|
SI5330F-A00215-GM Datasheet(HTML) 11 Page - Silicon Laboratories |
11 / 20 page Si5330 Rev. 1.0 11 7 VDD VDD Supply Core Supply Voltage. The device operates from a 1.8, 2.5, or 3.3 V supply. A 0.1 µF bypass capacitor should be located very close to this pin. 8 LOS O Open Drain Loss of Signal Indicator. 0 = CLKIN present. 1 = Loss of signal (LOS). This pin requires an external 1kpull-up resistor. 9 CLK3B O Multi Si5330A/B/C/K/L/M Differential Output Devices. This is the negative side of the differential CLK3 output. Refer to AN408 for interfacing and termination details. Leave unconnected when not in use. Si5330F/G/H/J Single-Ended Output Devices. This is one of the single-ended CLK3 outputs. Both CLK3A and CLK3B single-ended outputs are in phase. Refer to AN408 for interfacing and termination details. Leave unconnected when not is use. 10 CLK3A O Multi Si5330A/B/C/K/L/M Differential Devices. This is the positive side of the differential CLK3 output. Refer to AN408 for interfacing and termination details. Leave unconnected when not in use. Si5330F/G/H/J Single-Ended Devices. This is one of the single-ended CLK3 outputs. Both CLK3A and CLK3B single-ended outputs are in phase. Refer to AN408 for interfacing and termination details. Leave unconnected when not is use. 11 VDDO3 VDD Supply Output Clock Supply Voltage. Supply voltage for CLK3A/B. Use a 0.1 µF bypass cap as close as possible to this pin. If CLK3 is not used, this pin must be tied to VDD (pin 7 and/or pin 24). 12 RSVD_GND Ground. Must be connected to system ground. 13 CLK2B O Multi Si5330A/B/C/K/L/M Differential Output Devices. This is the negative side of the differential CLK2 output. Refer to AN408 for interfacing and termination details. Leave unconnected when not in use. Si5330F/G/H/J Single-Ended Output Devices. This is one of the single-ended CLK2 outputs. Both CLK2A and CLK2B single-ended outputs are in phase. Refer to AN408 for interfacing and termination details. Leave unconnected when not is use. Table 10. Si5330 Pin Descriptions (Continued) Pin # Pin Name I/O Signal Type Description |
Número de pieza similar - SI5330F-A00215-GM |
|
Descripción similar - SI5330F-A00215-GM |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |