Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5330F-A00216-GM Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza SI5330F-A00216-GM
Descripción Electrónicos  Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5330F-A00216-GM Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI5330F-A00216-GM Datasheet HTML 7Page - Silicon Laboratories SI5330F-A00216-GM Datasheet HTML 8Page - Silicon Laboratories SI5330F-A00216-GM Datasheet HTML 9Page - Silicon Laboratories SI5330F-A00216-GM Datasheet HTML 10Page - Silicon Laboratories SI5330F-A00216-GM Datasheet HTML 11Page - Silicon Laboratories SI5330F-A00216-GM Datasheet HTML 12Page - Silicon Laboratories SI5330F-A00216-GM Datasheet HTML 13Page - Silicon Laboratories SI5330F-A00216-GM Datasheet HTML 14Page - Silicon Laboratories SI5330F-A00216-GM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Si5330
Rev. 1.0
11
7
VDD
VDD
Supply
Core Supply Voltage.
The device operates from a 1.8, 2.5, or 3.3 V supply. A
0.1 µF bypass capacitor should be located very close to
this pin.
8
LOS
O
Open Drain
Loss of Signal Indicator.
0 = CLKIN present.
1 = Loss of signal (LOS).
This pin requires an external
1kpull-up resistor.
9
CLK3B
O
Multi
Si5330A/B/C/K/L/M Differential Output Devices.
This is the negative side of the differential CLK3 output.
Refer to AN408 for interfacing and termination details.
Leave unconnected when not in use.
Si5330F/G/H/J Single-Ended Output Devices.
This is one of the single-ended CLK3 outputs. Both
CLK3A and CLK3B single-ended outputs are in phase.
Refer to AN408 for interfacing and termination details.
Leave unconnected when not is use.
10
CLK3A
O
Multi
Si5330A/B/C/K/L/M Differential Devices.
This is the positive side of the differential CLK3 output.
Refer to AN408 for interfacing and termination details.
Leave unconnected when not in use.
Si5330F/G/H/J Single-Ended Devices.
This is one of the single-ended CLK3 outputs. Both
CLK3A and CLK3B single-ended outputs are in phase.
Refer to AN408 for interfacing and termination details.
Leave unconnected when not is use.
11
VDDO3
VDD
Supply
Output Clock Supply Voltage.
Supply voltage for CLK3A/B. Use a 0.1 µF bypass cap
as close as possible to this pin. If CLK3 is not used, this
pin must be tied to VDD (pin 7 and/or pin 24).
12
RSVD_GND
Ground.
Must be connected to system ground.
13
CLK2B
O
Multi
Si5330A/B/C/K/L/M Differential Output Devices.
This is the negative side of the differential CLK2 output.
Refer to AN408 for interfacing and termination details.
Leave unconnected when not in use.
Si5330F/G/H/J Single-Ended Output Devices.
This is one of the single-ended CLK2 outputs. Both
CLK2A and CLK2B single-ended outputs are in phase.
Refer to AN408 for interfacing and termination details.
Leave unconnected when not is use.
Table 10. Si5330 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Type
Description


Número de pieza similar - SI5330F-A00216-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI5330F-A00216-GM SILABS-SI5330F-A00216-GM Datasheet
158Kb / 20P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Si5330F-A00216-GM SILABS-Si5330F-A00216-GM Datasheet
41Kb / 1P
   The Si5330 Clock Buffer datasheet v1.0 is now available
More results

Descripción similar - SI5330F-A00216-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
[Old version datasheet]   SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
logo
Maxim Integrated Produc...
MAX1181EVKIT MAXIM-MAX1181EVKIT Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX1211EVKIT MAXIM-MAX1211EVKIT Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1448EVKIT MAXIM-MAX1448EVKIT Datasheet
342Kb / 6P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 11/03
logo
Integrated Device Techn...
ICS849S625I IDT-ICS849S625I Datasheet
639Kb / 24P
   Ten selectable differential LVPECL or LVDS outputs
ICS859S0424I IDT-ICS859S0424I Datasheet
909Kb / 24P
   Four programmable differential LVPECL or LVDS output pairs
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
logo
Integrated Device Techn...
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
   Four differential LVDS outputs
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com