Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S1C17624 Datasheet(PDF) 1 Page - Epson Company

No. de pieza S1C17624
Descripción Electrónicos  16-bit Single Chip Microcontroller
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPSON [Epson Company]
Página de inicio  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17624 Datasheet(HTML) 1 Page - Epson Company

  S1C17624 Datasheet HTML 1Page - Epson Company S1C17624 Datasheet HTML 2Page - Epson Company S1C17624 Datasheet HTML 3Page - Epson Company S1C17624 Datasheet HTML 4Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S1C17624/604/622/602/621
1
Seiko Epson Corporation
16-bit Single Chip Microcontroller
●Low Power MCU: Operating voltage 1.8V, 0.75uA/SLEEP, 2.3uA/HALT
Built in Flash memory: 8.2MHz high-speed operation with 1.8V low
voltage
Built in LCD driver: 52SEG×8COM(max.), power supply voltage booster
circuit
Analog I/F: 10-bit A/D converter, 24-bit R/F converter, Supply voltage
detector
Real time clock: calendar function(support leap year)
■ DESCRIPTIONS
The S1C17624/604/622/602/621 is a 16-bit MCU featuring high-speed low-power operations, compact dimensions, wide
address space, and on-chip ICE. Based on an S1C17 CPU core, this product consists of a Flash memory, RAM, serial
interface modules supporting sensors such as UART to support high-bit rate and IrDA1.0, SPI, and I2C, various timers,
maximum 47 general input/output ports, maximum 52 segment × 8 common LCD driver and a power supply voltage booster
circuit, A/D converter, R/F converter, supply voltage detector, and 32 kHz and maximum 8.2 MHz oscillator circuits.
It allows 8.2 MHz high-speed operation at a minimum of 1.8 V operating voltage, and executes a basic instruction in one
clock cycle with 16-bit RISC processing. The S1C17624/604/622/602/621 also includes a coprocessor supporting
multiplication, division, and MAC (multiply and accumulation) operations.
The on-chip ICE function allows onboard Flash programming/erasing, program debugging, and evaluations using the
ICDmini (S5U1C17001H) that can be connected with three signal wires.
The S1C17624/604/622/602/621 is ideal for applications, such as health care products with sensors, sports watches, and
meter modules that must be driven with battery power and require sensor interfaces and a high-definition LCD
display.
FEATURES
The main features of the S1C17624/604/622/602/621 are listed below.
Model
S1C17624
S1C17604
S1C17622
S1C17602
S1C17621
CPU
CPU core
Seiko Epson original 16-bit RISC CPU core S1C17
Multiplier/Divider (COPRO)
• 16-bit × 16-bit multiplier
• 16-bit × 16-bit + 32-bit multiply and accumulation unit
• 16-bit ÷ 16-bit divider
Embedded Flash memory
128K bytes
64K bytes
32K bytes
Capacity
(Can be used for both instructions and data.)
Erase/program count
1,000 cycles (min.)
Other
• Read/program protection function
• Allows on-board programming using a debugging tool such as
ICDmini
(S5U1C17001H) and self-programming by software control.
Embedded RAM
Capacity
8K bytes
4K bytes
2K bytes
Embedded Display RAM
Capacity
56 bytes
40 bytes
56 bytes
40 bytes
Clock generator
System clock source
3 sources (IOSC/OSC3/OSC1)
IOSC oscillator circuit
2.7 MHz(typ.) internal oscillator circuit (oscillation start time 5
μs min.)
OSC3 oscillator circuit
8.2 MHz (max.) crystal or ceramic oscillator circuit
Supports an external clock input.
OSC1 oscillator circuit
32.768 kHz (typ.) crystal oscillator circuit
Supports an external clock input.
Other
• Core clock frequency control
• Peripheral module clock supply control
• IOSC control for quick-restart processing from SLEEP mode
Real-time clock
RTC module
Included
(Contains second, minute,
hour,
day, days of week, month,
and
year counters.)


Número de pieza similar - S1C17624

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Epson Company
S1C17601 EPSON-S1C17601 Datasheet
149Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17611 EPSON-S1C17611 Datasheet
196Kb / 3P
   16-bit Single Chip Microcontroller
S1C17651 EPSON-S1C17651 Datasheet
146Kb / 4P
   16-bit Single Chip Microcontroller
S1C17653 EPSON-S1C17653 Datasheet
146Kb / 4P
   16-bit Single Chip Microcontroller
More results

Descripción similar - S1C17624

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com