Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC08MG4 Datasheet(PDF) 9 Page - Texas Instruments |
|
CD74HC08MG4 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 18 page PACKAGE OPTION ADDENDUM www.ti.com 5-Sep-2011 Addendum-Page 3 Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material) (3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature. Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis. OTHER QUALIFIED VERSIONS OF CD54HC08, CD54HCT08, CD74HC08, CD74HCT08 : • Catalog: CD74HC08, CD74HCT08 • Automotive: CD74HC08-Q1, CD74HC08-Q1 • Enhanced Product: CD74HC08-EP, CD74HC08-EP • Military: CD54HC08, CD54HCT08 NOTE: Qualified Version Definitions: • Catalog - TI's standard catalog product • Automotive - Q100 devices qualified for high-reliability automotive applications targeting zero defects • Enhanced Product - Supports Defense, Aerospace and Medical Applications • Military - QML certified for Military and Defense Applications |
Número de pieza similar - CD74HC08MG4 |
|
Descripción similar - CD74HC08MG4 |