Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM5060 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM5060
Descripción Electrónicos  LM5060 High-Side Protection Controller with Low Quiescent Current
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM5060 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5060 Datasheet HTML 7Page - Texas Instruments LM5060 Datasheet HTML 8Page - Texas Instruments LM5060 Datasheet HTML 9Page - Texas Instruments LM5060 Datasheet HTML 10Page - Texas Instruments LM5060 Datasheet HTML 11Page - Texas Instruments LM5060 Datasheet HTML 12Page - Texas Instruments LM5060 Datasheet HTML 13Page - Texas Instruments LM5060 Datasheet HTML 14Page - Texas Instruments LM5060 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
VIN
VOUT
STATUS
UVLO
OVP
TIMER
GND
EN
OUT
SENSE
GATE
VIN
LM5060
EN
R8
R10
R11
RS
Q1
C1
R4
GND
GND
nPGD
High = Fault, Low= OK
High = On, Low= Off
R9
LM5060
www.ti.com
SNVS628F – OCTOBER 2009 – REVISED APRIL 2013
Figure 21. Basic Application Circuit
Functional Description
The LM5060 is designed to drive an external high-side N-channel MOSFET. Over-Current protection is
implemented by sensing the voltage drop across the MOSFET. When an adjustable voltage drop threshold is
exceeded, and an adjustable time period has elapsed, the MOSFET is disabled. Over-Voltage Protection (OVP)
and Under-Voltage Lock-Out (UVLO) monitoring of the input line is also provided. A low state on the enable pin
will turn off the N-channel MOSFET and switch the LM5060 into a very low quiescent current off state. An active
low power good output pin is provided to report the status of the N-channel MOSFET. The waiting time before
the MOSFET is turned off after a fault condition is detected can be adjusted with an external timer capacitor.
Since the LM5060 uses a constant current source to charge the gate of the external N-channel MOSFET, the
output voltage rise time can be adjusted by adding external gate capacitance. This is useful when starting up into
large capacitive loads.
POWER-UP SEQUENCE
The basic application circuit is shown in Figure 21 and a normal start-up sequence is shown in Figure 22. Start-
up of the LM5060 is initiated when the EN pin is above the (ENTHH) threshold (2.0V). At start-up, the timer
capacitor is charged with a 6 µA (typical) current source while the gate of the external N-channel MOSFET is
charged through the GATE pin by a 24 µA (typical) current source.
When the gate-to-source voltage (VGS) reaches the VGATE-TH threshold (typically 5V) the VGS sequence ends, the
timer capacitor is quickly discharged to 0.3V, and begins charging the timer capacitor with a11 µA current
source.
The timer capacitor will charge until either the VDS Comparator indicates that the drain-to-source voltage (VDS)
has been reduced to a nominal value (i.e. no fault) or the voltage on the timer capacitor has reached the VTMRH
threshold (i.e. fault). The VDS Comparator monitors the voltage difference between the SENSE pin and the OUT
pin. The SENSE pin voltage is user programmed to be lower than the input supply voltage by selecting a suitable
sense resistor value. When the OUT pin voltage exceeds the voltage at the SENSE pin, the nPGD pin is
asserted low (i.e. no fault) and the timer capacitor is discharged.
STATUS CONDITIONS
Output responses of the LM5060 to various input conditions is shown in Table 1. The input parameters include
Enable (EN), Under-Voltage Lock-Out (UVLO), Over-Voltage Protection (OVP), input voltage (VIN), Start-Up
Fault (VGS) and Run Fault (VDS) conditions. The output responses are the VIN pin current consumption, the
GATE charge current, the TIMER capacitor charge (or discharge) current, the GATE discharge current if the
timer capacitor voltage has reached the VTMRH threshold (typically 2V), as well as the status of nPGD.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5060


Número de pieza similar - LM5060

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM5060 NSC-LM5060 Datasheet
523Kb / 24P
   High-Side Protection Controller with Low Quiescent Current
LM5060 NSC-LM5060 Datasheet
1Mb / 6P
   Evaluation Board Output Current Range: 0A to 5.0A
logo
Texas Instruments
LM5060 TI1-LM5060 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Protection Controller with Low Quiescent Current
LM5060 TI1-LM5060 Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller
LM5060 TI1-LM5060 Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller with Low Quiescent Current
More results

Descripción similar - LM5060

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM5060 NSC-LM5060 Datasheet
523Kb / 24P
   High-Side Protection Controller with Low Quiescent Current
logo
Texas Instruments
LM5060 TI1-LM5060_14 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Protection Controller with Low Quiescent Current
LM5060 TI1-LM5060_18 Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller with Low Quiescent Current
logo
STMicroelectronics
LDL112 STMICROELECTRONICS-LDL112 Datasheet
1Mb / 32P
   1.2 A low quiescent current LDO with reverse current protection
logo
Analog Devices
LTC4372 AD-LTC4372 Datasheet
1Mb / 20P
   Low Quiescent Current Ideal Diode Controller
logo
Texas Instruments
LM9061 TI1-LM9061 Datasheet
4Mb / 33P
[Old version datasheet]   High-Side Protection Controller
LM5060 TI1-LM5060_15 Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller
logo
Linear Technology
LTC3824 LINER-LTC3824_15 Datasheet
256Kb / 14P
   High Voltage Step-Down Controller With 40A Quiescent Current
LTC3261 LINER-LTC3261 Datasheet
196Kb / 12P
   High Voltage, Low Quiescent Current
logo
Maxim Integrated Produc...
MAX14922 MAXIM-MAX14922_V01 Datasheet
634Kb / 23P
   High-Side Switch Controller with Current Limiting
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com