Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM5060MMX-NOPB Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LM5060MMX-NOPB
Descripción Electrónicos  LM5060 High-Side Protection Controller with Low Quiescent Current
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM5060MMX-NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5060MMX-NOPB Datasheet HTML 3Page - Texas Instruments LM5060MMX-NOPB Datasheet HTML 4Page - Texas Instruments LM5060MMX-NOPB Datasheet HTML 5Page - Texas Instruments LM5060MMX-NOPB Datasheet HTML 6Page - Texas Instruments LM5060MMX-NOPB Datasheet HTML 7Page - Texas Instruments LM5060MMX-NOPB Datasheet HTML 8Page - Texas Instruments LM5060MMX-NOPB Datasheet HTML 9Page - Texas Instruments LM5060MMX-NOPB Datasheet HTML 10Page - Texas Instruments LM5060MMX-NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LM5060
www.ti.com
SNVS628F – OCTOBER 2009 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
GATE Pull-Down Current Off (IGATE-OFF)
EN Threshold Voltage (ENTH)
vs. GATE Voltage
vs. Temperature
Figure 8.
Figure 9.
UVLO Threshold Voltage (UVLOTH)
GATE Pull-Down Current Fault (IGATE-FLT)
vs. Temperature
vs. GATE Voltage
Figure 10.
Figure 11.
UVLO, EN Current
OVP Threshold (OVPTH), Hysteresis (OVPHYS)
vs. Temperature
vs. Temperature
Figure 12.
Figure 13.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5060


Número de pieza similar - LM5060MMX-NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM5060MMX NSC-LM5060MMX Datasheet
523Kb / 24P
   High-Side Protection Controller with Low Quiescent Current
logo
Texas Instruments
LM5060MMX TI1-LM5060MMX Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller
LM5060MMX/NOPB TI1-LM5060MMX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller
LM5060MMX/NOPB TI1-LM5060MMX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller with Low Quiescent Current
More results

Descripción similar - LM5060MMX-NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM5060 NSC-LM5060 Datasheet
523Kb / 24P
   High-Side Protection Controller with Low Quiescent Current
logo
Texas Instruments
LM5060 TI1-LM5060_14 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Protection Controller with Low Quiescent Current
LM5060 TI1-LM5060_18 Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller with Low Quiescent Current
logo
STMicroelectronics
LDL112 STMICROELECTRONICS-LDL112 Datasheet
1Mb / 32P
   1.2 A low quiescent current LDO with reverse current protection
logo
Analog Devices
LTC4372 AD-LTC4372 Datasheet
1Mb / 20P
   Low Quiescent Current Ideal Diode Controller
logo
Texas Instruments
LM9061 TI1-LM9061 Datasheet
4Mb / 33P
[Old version datasheet]   High-Side Protection Controller
LM5060 TI1-LM5060_15 Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller
logo
Linear Technology
LTC3824 LINER-LTC3824_15 Datasheet
256Kb / 14P
   High Voltage Step-Down Controller With 40A Quiescent Current
LTC3261 LINER-LTC3261 Datasheet
196Kb / 12P
   High Voltage, Low Quiescent Current
logo
Maxim Integrated Produc...
MAX14922 MAXIM-MAX14922_V01 Datasheet
634Kb / 23P
   High-Side Switch Controller with Current Limiting
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com