Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TSL0808RA-100KR67-PF Datasheet(PDF) 1 Page - TDK Electronics |
|
TSL0808RA-100KR67-PF Datasheet(HTML) 1 Page - TDK Electronics |
1 / 2 page • All specifications are subject to change without notice. (1/2) 002-05 / 20050831 / e532_tsl0808.fm Inductors TSL Series TSL0808 Type For Power Line Radial FEATURES • The TSL series feature low DC resistance and high current han- dling capacities, making them ideal for power supply line appli- cations. • These parts are manufactured to a high degree of dimensional accuracy using non-flammable material (UL94V-0). • Available in tape packaging to support automated mounting machines. • This product conforms to the standards that are slated to be introduced under the RoHS Directive. APPLICATIONS Televisions, VCRs, personal computers, and other electronic equipments. SPECIFICATIONS PRODUCT IDENTIFICATION (1)Series name (2)Dimensions (3)Packaging style (4)Inductance value (5)Inductance tolerance (6)Rated current (7)Lead-free compatible product PACKAGING STYLE AND QUANTITIES Operating temperature range –20 to +85°C [Including self-temperature rise] Storage temperature range –40 to +85°C[Unit of products] Terminal tensile strength 9.8N min. Flow soldering condition 260°C /10 seconds TSL 0808 RA- 3R3 M 3R8 - PF (1) (2) (3) (4) (5) (6) (7) 0808 ø8.5 ×8.3mm (lead pitch 5mm) RA Taping(Ammo-pack) SBulk 3R3 3.3 µH 100 10 µH K±10% M±20% 3R8 3.8A R67 0.67A PF Lead-free compatible product Packaging style Quantity Taping (Ammo-pack) 1000 pieces/box Bulk 500 pieces/10tray • Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. |
Número de pieza similar - TSL0808RA-100KR67-PF |
|
Descripción similar - TSL0808RA-100KR67-PF |