Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMX2531LQ1226E Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza LMX2531LQ1226E
Descripción Electrónicos  LMX2531 High Performance Frequency Synthesizer System with Integrated VCO
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMX2531LQ1226E Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMX2531LQ1226E Datasheet HTML 6Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 7Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 8Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 9Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 10Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 11Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 12Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 13Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
LMX2531
SNAS252R – OCTOBER 2005 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics (continued)
(VCC = 3.0 V, -40°C ≤ TA ≤ 85 °C; except as specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCO Phase Noise (5)
10 kHz Offset
-96
100 kHz Offset
-121
fFout = 1146 MHz
DIV2 = 0
1 MHz Offset
-142
5 MHz Offset
-156
Phase Noise
L(f)Fout
dBc/Hz
(LMX2531LQ1146E)
10 kHz Offset
-101
100 kHz Offset
-126
fFout = 573 MHz
DIV2 = 1
1 MHz Offset
-147
5 MHz Offset
-156
10 kHz Offset
-95
100 kHz Offset
-121
fFout = 1226 MHz
DIV2 = 0
1 MHz Offset
-142
5 MHz Offset
-155
Phase Noise
L(f)Fout
dBc/Hz
(LMX2531LQ1226E)
10 kHz Offset
-101
100 kHz Offset
-126
fFout = 613 MHz
DIV2 = 1
1 MHz Offset
-147
5 MHz Offset
-155
10 kHz Offset
-95
100 kHz Offset
-121
fFout = 1314 MHz
DIV2 = 0
1 MHz Offset
-140
5 MHz Offset
-154
Phase Noise
L(f)Fout
dBc/Hz
(LMX2531LQ1312E)
10 kHz Offset
-101
100 kHz Offset
-126
fFout = 657 MHz
DIV2 = 1
1 MHz Offset
-146
5 MHz Offset
-154
10 kHz Offset
-95
100 kHz Offset
-121
fFout = 1415 MHz
DIV2 = 0
1 MHz Offset
-141
5 MHz Offset
-154
Phase Noise
L(f)Fout
dBc/Hz
(LMX2531LQ1415E)
10 kHz Offset
-100
100 kHz Offset
-126
fFout = 707.5 MHz
DIV2 = 1
1 MHz Offset
-146
5 MHz Offset
-154
10 kHz Offset
-97
100 KHz Offset
-120
fFout = 1500 MHz
DIV2 = 1
1 MHz Offset
-142
5 MHz Offset
-155
Phase Noise
L(f)Fout
dBc/Hz
(LMX2531LQ1500E)
10 kHz Offset
-103
100 kHz Offset
-126
fFout = 750 MHz
DIV2 = 1
1 MHz Offset
-131
5 MHz Offset
-155
(5)
The VCO phase noise is measured assuming that the loop bandwidth is sufficiently narrow that the VCO noise dominates. The
maximum limits apply only at center frequency and over temperature, assuming that the part is reloaded at each test frequency. Over
frequency, the phase noise can vary 1 to 2 dB, with the worst case performance typically occurring at the highest frequency. Over
temperature, the phase noise typically varies 1 to 2 dB, assuming the part is reloaded.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMX2531


Número de pieza similar - LMX2531LQ1226E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMX2531LQ1226E NSC-LMX2531LQ1226E Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1226E NSC-LMX2531LQ1226E Datasheet
3Mb / 25P
   Evaluation Board Operating Instructions
logo
Texas Instruments
LMX2531LQ1226E TI1-LMX2531LQ1226E Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
LMX2531LQ1226E/NOPB TI1-LMX2531LQ1226E/NOPB Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
logo
National Semiconductor ...
LMX2531LQ1226E NSC-LMX2531LQ1226E_14 Datasheet
3Mb / 25P
   Evaluation Board Operating Instructions
More results

Descripción similar - LMX2531LQ1226E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
ACS1790T SEMTECH-ACS1790T Datasheet
1Mb / 48P
   PLL Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2531 TI1-LMX2531_14 Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
   PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com