Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ210CA Datasheet(PDF) 6 Page - Formosa MS

No. de pieza SMAJ210CA
Descripción Electrónicos  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FORMOSA [Formosa MS]
Página de inicio  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMAJ210CA Datasheet(HTML) 6 Page - Formosa MS

Back Button SMAJ210CA Datasheet HTML 2Page - Formosa MS SMAJ210CA Datasheet HTML 3Page - Formosa MS SMAJ210CA Datasheet HTML 4Page - Formosa MS SMAJ210CA Datasheet HTML 5Page - Formosa MS SMAJ210CA Datasheet HTML 6Page - Formosa MS SMAJ210CA Datasheet HTML 7Page - Formosa MS SMAJ210CA Datasheet HTML 8Page - Formosa MS SMAJ210CA Datasheet HTML 9Page - Formosa MS SMAJ210CA Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
21
0T 01
2T
02T
022T
01
25
025
022
02
01
2
21
0
2
34 42 64 022 034 042 064 322
022
64
42
34
2
@0
>1
0B+$*
M(*
,+/+. $%
0
)>'(.;+
@0
>1
3B(*
,+U+.$%
0
)>'(.;+
(*
,+L0
1%
-9%
1#,+?2
35A0
+)%+58+.$%
(.+93#V'2
))B.+8+%
0
%
0
;+
8(*
,+/$;+6
.5
,-/)0
)@0
>18
3&34V'
W

XYXZ 

!

[\!
nopqorsuv
wxy{|}~€
~‚ƒ„…
‚
}†w‡ˆˆ|„|
‰Š‹Œ‰Ž

Ž‘
’
“”•–“˜™š
˜“›
œ
žŸ ¢£¤
¢¥
¦
§¨©ª§¬­®
¬§¯
°
±²³´±¶·¸
¶±¹
8
!
8
"#$%
71&
'1&
(3)
00*

#
###$%,-./0
123
4/-5.-6
7/8
99:
476
%/,;
<=
>?=
<@;
%</0
;
A/<
-%=
>/41;
A=,>/2/=
>/4/-5
B722/A=</B-C%=
1DEF
E
GH
E
IH
E
JH
E
KH
E
GDE
GEE
DE
E
L
2
M0(&
3N1'3

8
L
3R8SU
L
2 V9L
1&W(Q8
L
QP191L
8
1Q3
#
5 5# X5 ## 5 5# X5 ##

##
#
X5
#
5#
#
5
#
L
2
5Y8
31!VY8
18
30 3Z318
L
Q2P('3
31!39318
(3RS[PU
\]^_`ab]_
de
fghde
fgijhj\\k
l]mmanmobp`]
aolq`an\r
_os
#tu3L
8
L
'3
L
Q!(8
L
'3&
1!

#
##
5#
#
M#
#
#
L
2
*1vL
(wQx3938
L
8
L
'3
 1!Y(23P(3Q8
(QL
!L
38
L
Q1&!3'L
3Q&
V
w(y3PV&
318#tu
W"W1v

ML
Q2&
371&
L
Q3 1'3
####
###
##
#


#
#
##
###
€31O! Qz&
8
123Rz€xSz&
8
U
QL
‚!L
38
L
Q1&„z
xN*
…†
‚‡†
ˆ‰Š‹
†
ŒŽ„
‘’“
…†
‚‡†
ˆ‰Š‹
†
ŒŽ”•
–†
‚‡†
ˆ‰Š‹
†
ŒŽ”•
W"5[P

"
#*tu
zL
2"5#z99
Page 6
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Número de pieza similar - SMAJ210CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MERITEK ELECTRONICS COR...
SMAJ210CA MERITEK-SMAJ210CA Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
AiT Semiconductor Inc.
SMAJ210CA AITSEMI-SMAJ210CA Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
Ruilongyuan Electronics...
SMAJ210CA RUILON-SMAJ210CA Datasheet
923Kb / 8P
   Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SMAJ210CA SUNMATE-SMAJ210CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
logo
DIYI Electronic Technol...
SMAJ210CA DYELEC-SMAJ210CA Datasheet
530Kb / 5P
   Excellent clamping capability
More results

Descripción similar - SMAJ210CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com