Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3306-15DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3306-15DR
Descripción Electrónicos  DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3306-15DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3306-15DR Datasheet HTML 3Page - Texas Instruments TPS3306-15DR Datasheet HTML 4Page - Texas Instruments TPS3306-15DR Datasheet HTML 5Page - Texas Instruments TPS3306-15DR Datasheet HTML 6Page - Texas Instruments TPS3306-15DR Datasheet HTML 7Page - Texas Instruments TPS3306-15DR Datasheet HTML 8Page - Texas Instruments TPS3306-15DR Datasheet HTML 9Page - Texas Instruments TPS3306-15DR Datasheet HTML 10Page - Texas Instruments TPS3306-15DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS3306-15
TPS3306-18, TPS3306-20
TPS3306-25, TPS3306-33
SLVS290C – APRIL 2000 – REVISED DECEMBER 2006
Over recommended operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2.7 V to 6 V, IOL = 20 µA
0.2
RESET,
VOL
Low-level output voltage
VDD = 3.3 V, IOL= 2 mA
0.4
V
PFO
VDD = 6 V, IOL = 3 mA
0.4
Power-up reset voltage (see (1))
VDD ≥ 1.1 V, IOL = 20 µA
0.4
V
1.37
1.40
1.43
1.64
1.68
1.72
1.81
1.85
1.89
VSENSE1,
VDD = 2.7 V to 6 V
VSENSE2
2.20
2.25
2.30
V
TA = 0°C to +85°C
2.86
2.93
3
4.46
4.55
4.64
PFI
1.22
1.25
1.28
Negative-going input threshold voltage
VIT
(see (2))
1.37
1.40
1.44
1.64
1.68
1.73
1.81
1.85
1.90
VSENSE1,
VDD = 2.7 V to 6 V
VSENSE2
2.20
2.25
2.32
V
TA = –40°C to +85°C
2.86
2.93
3.02
4.46
4.55
4.67
PFI
1.22
1.25
1.29
PFI
VIT = 1.25 V
10
VIT = 1.40 V
15
VIT = 1.68 V
15
Vhys
Hysteresis
VIT = 1.86 V
20
mV
VSENSEn
VIT = 2.25 V
20
VIT = 2.93 V
30
VIT = 4.55 V
40
WDI = VDD = 6 V, Time average
IH(AV)
Average high-level input current
100
150
(dc = 88%)
WDI
µA
WDI = 0 V, VDD = 6 V, Time
IL(AV)
Average low-level input current
–15
–20
average (dc = 12%)
WDI
WDI = VDD = 6 V
120
170
IH
High-level input current
SENSE1
VSENSE1 = VDD = 6 V
5
8
µA
SENSE2
VSENSE2 = VDD = 6 V
6
9
IL
Low-level input current
WDI
WDI = 0 V, VDD, = 6 V
–120
–170
µA
II
Input current
PFI
VDD = 6 V, 0 V ≤ VI ≤ VDD
–25
25
nA
IDD
Supply current
15
40
µA
Ci
Input capacitance
VI = 0 V to VDD
10
pF
(1)
The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 µs/V.
(2)
To ensure best stability of the threshold voltage, a bypass capacitor (ceramic 0.1
µF) should be placed close to the supply terminals.
7
Submit Documentation Feedback


Número de pieza similar - TPS3306-15DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3306-15DR TI1-TPS3306-15DR Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15DRG4 TI1-TPS3306-15DRG4 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
More results

Descripción similar - TPS3306-15DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3705 TI-TPS3705 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30_16 Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com