Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS3306-18D Datasheet(PDF) 6 Page - Texas Instruments |
|
|
TPS3306-18D Datasheet(HTML) 6 Page - Texas Instruments |
6 / 18 page www.ti.com ABSOLUTE MAXIMUM RATINGS DISSIPATION RATING TABLE RECOMMENDED OPERATING CONDITIONS TPS3306-15 TPS3306-18, TPS3306-20 TPS3306-25, TPS3306-33 SLVS290C – APRIL 2000 – REVISED DECEMBER 2006 Over operating free-air temperature range (unless otherwise noted).(1) UNIT Supply voltage, VDD (see (2)) 7 V PFI pin –0.3 V to VDD + 0.3 V All other pins (see (2)) –0.3 V to 7 V Maximum low output current, IOL 5 mA Maximum high output current, IOH – 5 mA Input clamp current, IIK (VI < 0 or VI > VDD) ±20 mA Output clamp current, IOK (VO < 0 or VO > VDD) ±20 mA Continuous total power dissipation See Dissipation Rating Table Operating free-air temperature range, TA –40 °C to +85°C Storage temperature range, Tstg –65 °C to +150°C Soldering temperature 260 °C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values are with respect to GND. For reliable operation, the device must not be operated at 7 V for more than t = 1000 h continuously. TA ≤ +25°C DERATING FACTOR TA = +70°C TA = +85°C PACKAGE POWER RATING ABOVE TA = +25°C POWER RATING POWER RATING DGK 424 mW 3.4 mW/ °C 271 mW 220 mW D 725 mW 5.8 mW/ °C 464 mW 377 mW At specified temperature range. MIN MAX UNIT Supply voltage, VDD 2.7 6 V Input voltage at WDI and PFI, VI 0 VDD + 0.3 V Input voltage at SENSE1 and SENSE2, VI 0 (VDD + 0.3)VIT/1.25 V V High-level input voltage at WDI, VIH 0.7 x VDD V Low-level input voltage at WDI, VIL 0.3 × VDD V Operating free-air temperature range, TA –40 +85 °C 6 Submit Documentation Feedback |
Número de pieza similar - TPS3306-18D |
|
Descripción similar - TPS3306-18D |