Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD524AR-16-REEL7 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD524AR-16-REEL7
Descripción Electrónicos  Precision Instrumentation Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD524AR-16-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD524AR-16-REEL7 Datasheet HTML 7Page - Analog Devices AD524AR-16-REEL7 Datasheet HTML 8Page - Analog Devices AD524AR-16-REEL7 Datasheet HTML 9Page - Analog Devices AD524AR-16-REEL7 Datasheet HTML 10Page - Analog Devices AD524AR-16-REEL7 Datasheet HTML 11Page - Analog Devices AD524AR-16-REEL7 Datasheet HTML 12Page - Analog Devices AD524AR-16-REEL7 Datasheet HTML 13Page - Analog Devices AD524AR-16-REEL7 Datasheet HTML 14Page - Analog Devices AD524AR-16-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD524
Rev. F | Page 11 of 28
120
80
140
160
100
40
0
60
20
100
10k
10
1k
100k
FREQUENCY (Hz)
G = 1000
G = 10
G = 1
G = 100
+VS = 15V DC +
1V p-p SINEWAVE
Figure 17. Positive PSRR vs. Frequency
120
80
140
160
100
40
0
60
20
100
10k
10
1k
100k
FREQUENCY (Hz)
G = 10
0
G = 10
G = 1
G = 1000
–VS = –15V DC +
1V p-p SINEWAVE
Figure 18. Negative PSRR vs. Frequency
1000
0.1
1
100k
FREQUENCY (Hz)
10
100
1k
10k
1
10
100
G = 1000
G = 100, 1000
G = 10
G = 1
Figure 19. RTI Noise Spectral Density vs. Gain
100k
0
10k
FREQUENCY (Hz)
1
10
100
1k
100
1k
10k
Figure 20. Input Current Noise vs. Frequency
0.1Hz TO 10Hz
VERTICAL SCALE; 1 DIVISION = 5µV
5mV
1s
Figure 21. Low Frequency Noise, G = 1 (System Gain = 1000)
0.1Hz TO 10Hz
VERTICAL SCALE; 1 DIVISION = 0.1µV
10mV
1s
Figure 22. Low Frequency Noise, G = 1000 (System Gain = 100,000)


Número de pieza similar - AD524AR-16-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD524AR-16-REEL7 AD-AD524AR-16-REEL7 Datasheet
392Kb / 16P
   Precision Instrumentation Amplifier
REV. E
AD524AR-16-REEL7 AD-AD524AR-16-REEL7 Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524AR-16-REEL7 AD-AD524AR-16-REEL7 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
More results

Descripción similar - AD524AR-16-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com