Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD876JR-8 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD876JR-8
Descripción Electrónicos  10-Bit 20 MSPS 160 mW CMOS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD876JR-8 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD876JR-8 Datasheet HTML 2Page - Analog Devices AD876JR-8 Datasheet HTML 3Page - Analog Devices AD876JR-8 Datasheet HTML 4Page - Analog Devices AD876JR-8 Datasheet HTML 5Page - Analog Devices AD876JR-8 Datasheet HTML 6Page - Analog Devices AD876JR-8 Datasheet HTML 7Page - Analog Devices AD876JR-8 Datasheet HTML 8Page - Analog Devices AD876JR-8 Datasheet HTML 9Page - Analog Devices AD876JR-8 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
–6–
AD876
CODE OFFSET
1
–1
128
256
384
512
640
768
896
0
960
64
192
320
448
576
704
832
0.5
–0.5
0
Figure 3. AD876 Typical DNL
2
–4
–10
10
1000
100
1
–6
–8
–2
0
FREQUENCY – MHz
Figure 4. Full Power Bandwidth
60
45
30
102
101
100
40
35
50
55
INPUT FREQUENCY – MHz
Figure 5. SINAD vs. Input Frequency
(fCLK = 20 MSPS, AIN = –0.5 dB)
0
–20
–70
10
1
–10
–40
–30
–60
–50
FREQUENCY – MHz
–80
–90
THD
2ND
3RD
Figure 6. THD vs. Input Frequency 2nd, 3rd Harmonics
CLOCK FREQUENCY – MHz
60
55
30
530
10
15
20
25
50
45
40
35
Figure 7. SINAD vs. CLK Frequency (AIN = –0.5 dB)
CLOCK FREQUENCY – MHz
180
170
120
025
510
15
20
160
150
140
130
110
100
Figure 8. Power Consumption vs. Sample Rate
–Typical Performance Characteristics


Número de pieza similar - AD876JR-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD876JR-8 AD-AD876JR-8 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876JR-8 AD-AD876JR-8 Datasheet
370Kb / 17P
   CMOS A/D Converter
More results

Descripción similar - AD876JR-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD9200 AD-AD9200 Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com