Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPSA56 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza MPSA56
Descripción Electrónicos  PNP General Purpose Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MPSA56 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MPSA56 Datasheet HTML 1Page - Fairchild Semiconductor MPSA56 Datasheet HTML 2Page - Fairchild Semiconductor MPSA56 Datasheet HTML 3Page - Fairchild Semiconductor MPSA56 Datasheet HTML 4Page - Fairchild Semiconductor MPSA56 Datasheet HTML 5Page - Fairchild Semiconductor MPSA56 Datasheet HTML 6Page - Fairchild Semiconductor MPSA56 Datasheet HTML 7Page - Fairchild Semiconductor MPSA56 Datasheet HTML 8Page - Fairchild Semiconductor MPSA56 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage*
IC = 1.0 mA, IB = 0
80
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 100
µA, I
E = 0
80
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 100
µA, IC = 0
4.0
V
ICEO
Collector-Cutoff Current
VCE = 60 V, IB = 0
0.1
µA
ICBO
Collector-Cutoff Current
VCB = 80 V, IE = 0
0.1
µA
ON CHARACTERISTICS
hFE
DC Current Gain
IC = 10 mA, VCE = 1.0 V
IC = 100 mA, VCE = 1.0 V
100
100
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 100 mA, IB = 10 mA
0.25
V
VBE(on)
Base-Emitter On Voltage
IC = 100 mA, VCE = 1.0 V
1.2
V
SMALL SIGNAL CHARACTERISTICS
fT
Current Gain - Bandwidth Product
IC = 100 mA, VCE = 1.0 V,
f = 100 MHz
50
MHz
Spice Model
PNP (Is=12.27p Xti=3 Eg=1.11 Vaf=100 Bf=91.63 Ne=1.531 Ise=12.27p Ikf=1.009 Xtb=1.5 Br=1.287 Nc=2 Isc=0
Ikr=0 Rc=.6 Cjc=48.28p Mjc=.5615 Vjc=.75 Fc=.5 Cje=106.7p Mje=.5168 Vje=.75 Tr=496.3n Tf=865.8p Itf=.2
Vtf=2 Xtf=.8 Rb=10)
Typical Characteristics
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
NOTE: All voltages (V) and currents (A) are negative polarity for PNP transistors.
Typical Pulsed Current Gain
vs Collector Current
0.001
0.01
0.1
50
100
150
200
250
300
I
- COLLECTOR CURRENT (A)
- 40 °C
C
V
= 1V
CE
125 °C
25 °C
Collector-Emitt er Saturation
Voltage vs Collect or Current
10
100
0
0.2
0.4
0.6
0.8
I - COLLECTOR CURRE NT (mA)
C
β = 10
- 40 °C
125 °C
25 °C
PNP General Purpose Amplifier
(continued)


Número de pieza similar - MPSA56

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MPSA56 MOTOROLA-MPSA56 Datasheet
239Kb / 6P
   Amplifier Transistors
logo
Micro Commercial Compon...
MPSA56 MCC-MPSA56 Datasheet
573Kb / 4P
   PNP Silicon Amplifier Transistor
logo
Fairchild Semiconductor
MPSA56 FAIRCHILD-MPSA56 Datasheet
1Mb / 15P
   PNP General Purpose Amplifier
logo
SHENZHEN YONGERJIA INDU...
MPSA56 WINNERJOIN-MPSA56 Datasheet
125Kb / 1P
   TRANSISTOR (PNP)
logo
ON Semiconductor
MPSA56 ONSEMI-MPSA56 Datasheet
111Kb / 8P
   Amplifier Transistors
October, 2001 ??Rev. 1
More results

Descripción similar - MPSA56

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com