Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1938YSTZRL Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD1938YSTZRL
Descripción Electrónicos  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1938YSTZRL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1938YSTZRL Datasheet HTML 7Page - Analog Devices AD1938YSTZRL Datasheet HTML 8Page - Analog Devices AD1938YSTZRL Datasheet HTML 9Page - Analog Devices AD1938YSTZRL Datasheet HTML 10Page - Analog Devices AD1938YSTZRL Datasheet HTML 11Page - Analog Devices AD1938YSTZRL Datasheet HTML 12Page - Analog Devices AD1938YSTZRL Datasheet HTML 13Page - Analog Devices AD1938YSTZRL Datasheet HTML 14Page - Analog Devices AD1938YSTZRL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD1938
Rev. E | Page 11 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
0.10
0.08
0.06
0.04
0.02
0
–0.10
–0.08
–0.06
–0.04
–0.02
0
18000
16000
14000
12000
10000
8000
6000
4000
2000
FREQUENCY (Hz)
Figure 3. ADC Pass-Band Filter Response, 48 kHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
40000
5000
10000 15000 20000 25000 30000 35000
FREQUENCY (Hz)
Figure 4. ADC Stop-Band Filter Response, 48 kHz
0.06
0.04
0.02
–0.06
–0.04
–0.02
0
0
24
16
8
FREQUENCY (kHz)
Figure 5. DAC Pass-Band Filter Response, 48 kHz
0
–150
–100
–50
0
48
12
24
36
FREQUENCY (kHz)
Figure 6. DAC Stop-Band Filter Response, 48 kHz
0.10
–0.10
–0.05
0
0.05
0
96
72
48
24
FREQUENCY (kHz)
Figure 7. DAC Pass-Band Filter Response, 96 kHz
0
–150
–100
–50
0
96
24
48
72
FREQUENCY (kHz)
Figure 8. DAC Stop-Band Filter Response, 96 kHz


Número de pieza similar - AD1938YSTZRL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1938YSTZRL AD-AD1938YSTZRL Datasheet
559Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938YSTZRL AD-AD1938YSTZRL Datasheet
547Kb / 33P
   4 ADC/8 DAC with PLL
More results

Descripción similar - AD1938YSTZRL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1935 AD-AD1935 Datasheet
381Kb / 30P
   4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Rev. PrI
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938 AD-AD1938 Datasheet
559Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1928 AD-AD1928 Datasheet
595Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1928 AD-AD1928_15 Datasheet
419Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com