Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7111BQ Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD7111BQ
Descripción Electrónicos  LC2MOS LOGDAC Logarithmic D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7111BQ Datasheet(HTML) 4 Page - Analog Devices

  AD7111BQ Datasheet HTML 1Page - Analog Devices AD7111BQ Datasheet HTML 2Page - Analog Devices AD7111BQ Datasheet HTML 3Page - Analog Devices AD7111BQ Datasheet HTML 4Page - Analog Devices AD7111BQ Datasheet HTML 5Page - Analog Devices AD7111BQ Datasheet HTML 6Page - Analog Devices AD7111BQ Datasheet HTML 7Page - Analog Devices AD7111BQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD7111/AD7111A
REV. 0
–4–
ORDERING GUIDES
AD7111A ORDERING GUIDE
Specified
Temperature
Accuracy
Package
Model
Range
Range
Option1
AD7111ABN
–40
°C to +85°C
0 dB to 60 dB
N-16
AD7111ACN
–40
°C to +85°C
0 dB to 72 dB
N-16
AD7111ABR
–40
°C to +85°C
0 dB to 60 dB
R-16
AD7111ACR
–40
°C to +85°C
0 dB to 72 dB
R-16
NOTE
1N = Plastic DIP; R = SOIC.
Power Dissipation, LCCC . . . . . . . . . . . . . . . . . . . . . . . . 1 W
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 76
°C/W
Lead Temperature (Soldering, 10 secs) . . . . . . . . . +300
°C
Operating Temperature Range
Commercial (K, L Versions) . . . . . . . . . . . . . 0
°C to +70°C
Industrial (B, C Versions) . . . . . . . . . . . . . –40
°C to +85°C
Extended (T, U Versions) . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only, and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise noted)
VDD (to DGND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
VIN (to AGND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±35 V
Digital Input Voltage to DGND . . . . . –0.3 V to VDD + 0.3 V
IOUT to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD
VRFB to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±35 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to VDD
DGND to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to VDD
Power Dissipation, DIP . . . . . . . . . . . . . . . . . . . . . . . . . . 1 W
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 117°C/W
Lead Temperature (Soldering, 10 secs) . . . . . . . . . +300
°C
Power Dissipation, SOIC . . . . . . . . . . . . . . . . . . . . . . . . . 1 W
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 75°C/W
Lead Temperature (Soldering)
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7111/AD7111A features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore,
proper ESD precautions are recommended to avoid performance degradation or loss of
functionality.
ACCURACY: The difference (measured in dB) between the
ideal transfer function as listed in Table I and the actual transfer
function as measured with the device.
OUTPUT CAPACITANCE: Capacitance from IOUT to
ground.
DIGITAL-TO-ANALOG GLITCH IMPULSE: The amount
of charge injected from the digital inputs to the analog output
when the inputs change state. This is normally specified as the
area of the glitch in either pA-secs or nV-secs depending upon
whether the glitch is measured as a current or voltage signal.
Glitch impulse is measured with VIN = AGND.
PROPAGATION DELAY: This is a measure of the internal
delays of the circuit and is defined as the time from a digital in-
put change to the analog output current reaching 90% of its
final value.
AD7111 ORDERING GUIDE
Specified
Temperature
Accuracy
Package
Model
l
Range
Range
Option
2
AD7111KN
0
°C to +70°C
0 dB to 60 dB N-16
AD7111BQ
–40
°C to +85°C 0 dB to 60 dB Q-16
AD7111LN
0
°C to +70°C
0 dB to 72 dB N-16
AD7111CQ
–40
°C to +85°C 0 dB to 72 dB Q-16
AD7111UQ/883B –55
°C to +125°C 0 dB to 72 dB Q-16
AD7111TE/883B –55
°C to +125°C 0 dB to 60 dB E-20A
NOTES
1To order MIL-STD-883B, Class B processed parts, add /883B to part number.
Contact local sales office for military data sheet and availability.
2N = Plastic DIP; Q = Cerdip; E = LCCC; R = SOIC.
TERMINOLOGY
RESOLUTION: Nominal change in attenuation when moving
between two adjacent codes.
MONOTONICITY: The device is monotonic if the analog out-
put decreases (or remains constant) as the digital code increases.
FEEDTHROUGH ERROR: That portion of the input signal
which reaches the output when all digital inputs are high. See
section on Applications.
OUTPUT LEAKAGE CURRENT: Current which appears on
the IOUT terminal with all digital inputs high.
TOTAL HARMONIC DISTORTION: A measure of the
harmonics introduced by the circuit when a pure sinusoid is
applied to the input. It is expressed as the harmonic energy
divided by the fundamental energy at the output.


Número de pieza similar - AD7111BQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7111BQ AD-AD7111BQ Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
More results

Descripción similar - AD7111BQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
AD7118 AD-AD7118 Datasheet
197Kb / 6P
   LOGDAC CMOS Logarithmic D/A Converter
REV. A
AD7112 AD-AD7112_15 Datasheet
572Kb / 12P
   LC MOS LOGDAC DUAL LOGARITHMIC D/A CONVERTER
REV. 0
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
   CMOS Logarithmic D/A Converter
REV. A
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com