Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7533SQ Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD7533SQ
Descripción Electrónicos  CMOS Low Cost, 10-Bit Multiplying DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7533SQ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7533SQ Datasheet HTML 2Page - Analog Devices AD7533SQ Datasheet HTML 3Page - Analog Devices AD7533SQ Datasheet HTML 4Page - Analog Devices AD7533SQ Datasheet HTML 5Page - Analog Devices AD7533SQ Datasheet HTML 6Page - Analog Devices AD7533SQ Datasheet HTML 7Page - Analog Devices AD7533SQ Datasheet HTML 8Page - Analog Devices AD7533SQ Datasheet HTML 9Page - Analog Devices AD7533SQ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7533
Rev. C | Page 6 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
IOUT1 1
IOUT2 2
GND 3
BIT 1 (MSB) 4
RFB
16
VREF
15
VDD
14
BIT 10 (LSB)
13
BIT 2 5
BIT 3 6
BIT 4 7
BIT 9
12
BIT 8
11
BIT 7
10
BIT 5 8
BIT 6
9
AD7533
TOP VIEW
(Not to Scale)
Figure 2. 16-Lead PDIP Pin Configuration
IOUT1 1
IOUT2 2
GND 3
BIT 1 (MSB) 4
RFB
16
VREF
15
VDD
14
BIT 10 (LSB)
13
BIT 2 5
BIT 9
12
BIT 3 6
BIT 8
11
BIT 4 7
BIT 7
10
BIT 5 8
BIT 6
9
AD7533
TOP VIEW
(Not to Scale)
Figure 3. 16-Lead SOIC Pin Configuration
IOUT1 1
IOUT2 2
GND 3
BIT 1 (MSB) 4
RFB
16
VREF
15
VDD
14
BIT 10 (LSB)
13
BIT 2 5
BIT 9
12
BIT 3 6
BIT 8
11
BIT 4 7
BIT 7
10
BIT 5 8
BIT 6
9
AD7533
TOP VIEW
(Not to Scale)
Figure 4. 16-Lead CERDIP Pin Configuration
4
GND
5
BIT 1 (MSB)
6
NC
7
BIT 2
8
BIT 3
18
VDD
17
BIT 10 (LSB)
16
NC
15
BIT 9
14
BIT 8
19
20
1
2
3
13
12
11
10
9
AD7533
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 5. 20-Terminal LCC Pin Configuration
120
19
2
3
4
5
6
7
8
18
17
16
15
14
9
10
11
12
13
NC = NO CONNECT
GND
BIT 1 (MSB)
NC
BIT 2
BIT 3
VDD
BIT 10 (LSB)
NC
BIT 9
BIT 8
PIN 1
INDENTFIER
AD7533
TOP VIEW
(Not to scale)
Figure 6. 20-Lead PLCC Pin Configuration
Table 3. Pin Function Descriptions
Pin Number
16-Lead PDIP, SOIC, CERDIP
20-Lead LCC, PLCC
Mnemonic
Description
1
2
IOUT1
DAC Current Output.
2
3
IOUT2
DAC Analog Ground. This pin should normally be tied to the
analog ground of the system.
3
4
GND
Ground.
4 to 13
5, 7 to 10, 12 to 15, 17
BIT 1 to BIT 10
MSB to LSB.
14
18
VDD
Positive Power Supply Input. These parts can be operated from
a supply of 5 V to 16 V.
15
19
VREF
DAC Reference Voltage Input Terminal.
16
20
RFB
DAC Feedback Resistor Pin. Establish voltage output for the DAC
by connecting RFB to external amplifier output.
NA
1, 6, 11, 16
NC
No Connect.


Número de pieza similar - AD7533SQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7533SQ AD-AD7533SQ Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533SQ AD-AD7533SQ Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
More results

Descripción similar - AD7533SQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7533 AD-AD7533 Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533 AD-AD7533_15 Datasheet
353Kb / 12P
   CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
AD7533 AD-AD7533 Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
logo
Maxim Integrated Produc...
MX7533 MAXIM-MX7533 Datasheet
429Kb / 8P
   CMOS Low Cost 10 Bit Multiplying D/A Converter
Rev 1a; 7/95
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
SP9316 SIPEX-SP9316 Datasheet
132Kb / 8P
   16-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
AD7541AJNZ AD-AD7541AJNZ Datasheet
180Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com