Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD7918BRU-REEL7 Datasheet(PDF) 10 Page - Analog Devices |
|
AD7918BRU-REEL7 Datasheet(HTML) 10 Page - Analog Devices |
10 / 32 page AD7908/AD7918/AD7928 Rev. D | Page 10 of 32 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 5. Parameter Rating AVDD to AGND −0.3 V to +7 V VDRIVE to AGND −0.3 V to AVDD + 0.3 V Analog Input Voltage to AGND −0.3 V to AVDD + 0.3 V Digital Input Voltage to AGND −0.3 V to +7 V Digital Output Voltage to AGND −0.3 V to AVDD + 0.3 V REFIN to AGND −0.3 V to AVDD + 0.3 V Input Current to Any Pin Except Supplies1 ±10 mA Operating Temperature Range Commercial (B Version) −40°C to +85°C Storage Temperature Range −65°C to +150°C Automotive Temperature Range −40°C to +125°C Junction Temperature 150°C TSSOP Package, Power Dissipation 450 mW θJA Thermal Impedance 143°C/W (TSSOP) θJC Thermal Impedance 45°C/W (TSSOP) Lead Temperature, Soldering Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C ESD 1.5 kV 1 Transient currents of up to 100 mA do not cause SCR latch-up. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Número de pieza similar - AD7918BRU-REEL7 |
|
Descripción similar - AD7918BRU-REEL7 |