Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD8004SQ Datasheet(PDF) 1 Page - Analog Devices |
|
AD8004SQ Datasheet(HTML) 1 Page - Analog Devices |
1 / 17 page REV. C a AD8004 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 © 2003 Analog Devices, Inc. All rights reserved. Quad 3000 V/ s, 35 mW Current Feedback Amplifier FEATURES High Speed 250 MHz –3 dB Bandwidth (G = +1) 3000 V/ s Slew Rate 21 ns Settling Time to 0.1% 1.8 ns Rise Time for 2 V Step Low Power 3.5 mA/Amp Power Supply Current (35 mW/Amp) Single Supply Operation Fully Specified for +5 V Supply Good Video Specifications (RL = 150 , G = +2) Gain Flatness 0.1 dB to 30 MHz 0.04% Differential Gain Error 0.10 Differential Phase Error Low Distortion –78 dBc THD at 5 MHz –61 dBc THD at 20 MHz High Output Current of 50 mA Available in a 14-Lead PDIP, SOIC, and CERDIP APPLICATIONS Image Scanners Active Filters Video Switchers Special Effects GENERAL DESCRIPTION The AD8004 is a quad, low power, high speed amplifier designed to operate on single or dual supplies. It utilizes a current feed- back architecture and features high slew rate of 3000 V/ ms making the AD8004 ideal for handling large amplitude pulses. Additionally, the AD8004 provides gain flatness of 0.1 dB to FREQUENCY – MHz 1 –4 –9 1 500 10 40 100 –3 –2 –1 0 –5 –6 –7 –8 0.1 0 –0.1 –0.2 –0.3 –0.4 –0.5 5VS +5VS +5VS 5VS G = +2 VIN = 50mV rms RL = 100 RF = 1.10k R PACKAGE Figure 1. Frequency Response and Flatness, G = +2 CONNECTION DIAGRAM PDIP (N), CERDIP (Q), and SOIC (R) Packages 14 13 12 11 10 9 8 1 2 3 4 7 6 5 1 23 4 AD8004 (TOP VIEW) OUTPUT –IN +IN +VS +IN –IN OUTPUT –VS +IN –IN OUTPUT OUTPUT –IN +IN 30 MHz while offering differential gain and phase error of 0.04% and 0.10 ∞. This makes the AD8004 suitable for video electronics such as cameras and video switchers. The AD8004 offers low power of 3.5 mA/amplifier and can run on a single +4 V to +12 V power supply, while being capable of delivering up to 50 mA of load current. All this is offered in a small 14-lead DIP or 14-lead SOIC package. These features make this amplifier ideal for portable and battery powered appli- cations where size and power are critical. The outstanding bandwidth of 250 MHz along with 3000 V/ ms of slew rate make the AD8004 useful in many general-purpose, high speed applications where dual power supplies of up to ±6V and single supplies from 4 V to 12 V are needed. The AD8004 is available in the industrial temperature range of –40 ∞C to +85∞C in the N and R packages, and in the military temperature range of –55 ∞C to +125∞C in the Q package. 0.04 0.03 0.02 0.01 0.00 –0.01 –0.02 –0.03 –0.04 1ST 0.12 0.10 0.08 0.06 0.04 0.02 0.00 –0.02 –0.04 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH 1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH 80 IRE RL = 150 VS = 5V RF = 1.21k 80 IRE RL = 150 VS = 5V RF = 1.21k Figure 2. Differential Gain/Differential Phase |
Número de pieza similar - AD8004SQ |