Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9229ABCPZ-65 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD9229ABCPZ-65
Descripción Electrónicos  Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9229ABCPZ-65 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9229ABCPZ-65 Datasheet HTML 2Page - Analog Devices AD9229ABCPZ-65 Datasheet HTML 3Page - Analog Devices AD9229ABCPZ-65 Datasheet HTML 4Page - Analog Devices AD9229ABCPZ-65 Datasheet HTML 5Page - Analog Devices AD9229ABCPZ-65 Datasheet HTML 6Page - Analog Devices AD9229ABCPZ-65 Datasheet HTML 7Page - Analog Devices AD9229ABCPZ-65 Datasheet HTML 8Page - Analog Devices AD9229ABCPZ-65 Datasheet HTML 9Page - Analog Devices AD9229ABCPZ-65 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD9229
Rev. B | Page 6 of 40
SWITCHING SPECIFICATIONS
AVDD = 3.0 V, DRVDD = 3.0 V, maximum conversion rate, 2 V p-p differential input, 1.0 V internal reference, AIN = –0.5 dBFS, unless
otherwise noted.
Table 4.
AD9229-50
AD9229-65
Parameter
Temp
Test
Level
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK
Maximum Clock Rate
Full
VI
50
65
MSPS
Minimum Clock Rate
Full
IV
10
10
MSPS
Clock Pulse Width High
(tEH)
Full
VI
8
10
6.2
7.7
ns
Clock Pulse Width Low
(tEL)
Full
VI
8
10
6.2
7.7
ns
OUTPUT PARAMETERS
Propagation Delay (tPD)
Full
VI
3.3
6.5
7.9
3.3
6.5
7.9
ns
Rise Time (tR)
(20% to 80%)
Full
V
250
250
ps
Fall Time (tF)
(20% to 80%)
Full
V
250
250
ps
FCO Propagation Delay
(tFCO)
Full
V
6.5
6.5
ns
DCO Propagation Delay
(tCPD)
Full
V
tFCO +
(tSAMPLE/24)
tFCO +
(tSAMPLE/24)
ns
DCO-to-Data Delay (tDATA)
Full
IV
(tSAMPLE/24) –
250
(tSAMPLE/24)
(tSAMPLE/24) +
250
(tSAMPLE/24) –
250
(tSAMPLE/24)
(tSAMPLE/24) +
250
ps
DCO-to-FCO Delay (tFRAME)
Full
IV
(tSAMPLE/24) –
250
(tSAMPLE/24)
(tSAMPLE/24) +
250
(tSAMPLE/24) –
250
(tSAMPLE/24)
(tSAMPLE/24) +
250
ps
Data-to-Data Skew
(tDATA-MAX – tDATA-MIN)
Full
IV
±100
±250
±100
±250
ps
Wake-Up Time
25°C
V
4
4
ms
Pipeline Latency
Full
IV
10
10
CLK
cycles
APERTURE
Aperture Delay (tA)
25°C
V
1.8
1.8
ns
Aperture Uncertainty
(Jitter)
25°C
V
<1
<1
ps
rms
OUT-OF-RANGE RECOVERY
TIME
25°C
V
2
2
CLK
cycles


Número de pieza similar - AD9229ABCPZ-65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9229ABCPZ-65 AD-AD9229ABCPZ-65 Datasheet
785Kb / 41P
   Serial, LVDS, 3 V A/D Converter
More results

Descripción similar - AD9229ABCPZ-65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9229 AD-AD9229 Datasheet
471Kb / 15P
   Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
Rev. PrF 10/06/2003
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
   Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com