Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD9640ABCPZ-150 Datasheet(PDF) 6 Page - Analog Devices |
|
AD9640ABCPZ-150 Datasheet(HTML) 6 Page - Analog Devices |
6 / 52 page AD9640 Rev. B | Page 6 of 52 ADC DC SPECIFICATIONS—AD9640ABCPZ-125, AD9640BCPZ-125, AD9640ABCPZ-150, AND AD9640BCPZ-150 AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 3.3 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS enabled, fast detect outputs disabled, and signal monitor disabled, unless otherwise noted. Table 2. Parameter Temperature AD9640ABCPZ-125/ AD9640BCPZ-125 AD9640ABCPZ-150/ AD9640BCPZ-150 Unit Min Typ Max Min Typ Max RESOLUTION Full 14 14 Bits ACCURACY No Missing Codes Full Guaranteed Guaranteed Offset Error Full ±0.3 ±0.6 ±0.3 ±0.6 % FSR Gain Error Full ±0.2 ±3.0 ±0.2 ±3.0 % FSR Differential Nonlinearity (DNL)1 Full ±0.9 −0.95/+1.5 LSB 25°C ±0.4 −0.4/+0.6 LSB Integral Nonlinearity (INL)1 Full ±5.0 ±5.0 LSB 25°C ±2 ±2 LSB MATCHING CHARACTERISTIC Offset Error 25°C ±0.4 ±0.7 ±0.4 ±0.7 % FSR Gain Error 25°C ±0.1 ±0.6 ±0.2 ±0.6 % FSR TEMPERATURE DRIFT Offset Error Full ±15 ±15 ppm/°C Gain Error Full ±95 ±95 ppm/°C INTERNAL VOLTAGE REFERENCE Output Voltage Error (1 V Mode) Full ±2 ±15 ±3 ±15 mV Load Regulation @ 1.0 mA Full 7 7 mV INPUT REFERRED NOISE VREF = 1.0 V 25°C 1.3 1.3 LSB rms ANALOG INPUT Input Span, VREF = 1.0 V Full 2 2 V p-p Input Capacitance2 Full 8 8 pF VREF INPUT RESISTANCE Full 6 6 kΩ POWER SUPPLIES Supply Voltage AVDD, DVDD Full 1.7 1.8 1.9 1.7 1.8 1.9 V DRVDD (CMOS Mode) Full 1.7 3.3 3.6 1.7 3.3 3.6 V DRVDD (LVDS Mode) Full 1.7 1.8 1.9 1.7 1.8 1.9 V Supply Current IAVDD1, 3 Full 385 470 419 517 mA IDVDD1, 3 Full 42 50 mA IDRVDD1 (3.3 V CMOS) Full 44 53 mA IDRVDD1 (1.8 V CMOS) Full 22 27 mA IDRVDD1 (1.8 V LVDS) 56 57 POWER CONSUMPTION DC Input Full 750 846 820 938 mW Sine Wave Input1 (DRVDD = 1.8 V) Full 810 895 mW Sine Wave Input1 (DRVDD = 3.3 V) Full 910 1000 mW Standby Power4 Full 77 77 mW Power-Down Power Full 2.5 6 2.5 6 mW 1 Measured with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit. 2 Input capacitance refers to the effective capacitance between one differential input pin and AGND. See Figure 8 for the equivalent analog input structure. 3 The maximum limit applies to the combination of IAVDD and IDVDD currents. 4 Standby power is measured with a dc input and with the CLK pins (CLK+, CLK −) inactive (set to AVDD or AGND). |
Número de pieza similar - AD9640ABCPZ-150 |
|
Descripción similar - AD9640ABCPZ-150 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |