Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9847AKSTZ Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD9847AKSTZ
Descripción Electrónicos  10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9847AKSTZ Datasheet(HTML) 4 Page - Analog Devices

  AD9847AKSTZ Datasheet HTML 1Page - Analog Devices AD9847AKSTZ Datasheet HTML 2Page - Analog Devices AD9847AKSTZ Datasheet HTML 3Page - Analog Devices AD9847AKSTZ Datasheet HTML 4Page - Analog Devices AD9847AKSTZ Datasheet HTML 5Page - Analog Devices AD9847AKSTZ Datasheet HTML 6Page - Analog Devices AD9847AKSTZ Datasheet HTML 7Page - Analog Devices AD9847AKSTZ Datasheet HTML 8Page - Analog Devices AD9847AKSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
REV. A
AD9847
–4–
TIMING SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
MASTER CLOCK (CLI)
CLI Clock Period
tCLI
25
ns
CLI High/Low Pulsewidth
tADC
12.5
ns
Delay from CLI to Internal Pixel
Period Position
tCLIDLY
6ns
EXTERNAL MODE CLAMPING
CLPDM Pulsewidth
tCDM
410Pixels
CLPOB Pulsewidth
*
tCOB
220
Pixels
SAMPLE CLOCKS
SHP Rising Edge to SHD Rising Edge
tS1
10
ns
DATA OUTPUTS
Output Delay from Programmed Edge
tOD
6ns
Pipeline Delay
9
Cycles
SERIAL INTERFACE
Maximum SCK Frequency
fSCLK
10
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Falling Edge to SDATA Valid Hold
tDH
10
ns
SCK Falling Edge to SDATA Valid Read
tDV
10
ns
*Maximum CLPOB pulsewidth is for functional operation only. Wider typical pulses are recommended to achieve low noise clamp reference.
Specifications subject to change without notice.
(CL to 29 pF, fCLI = 40 MHz, Serial Timing in Figures 3a and 3b, unless otherwise noted.)


Número de pieza similar - AD9847AKSTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9847AKST AD-AD9847AKST Datasheet
428Kb / 28P
   10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
More results

Descripción similar - AD9847AKSTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9847 AD-AD9847_15 Datasheet
521Kb / 28P
   10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9847 AD-AD9847 Datasheet
428Kb / 28P
   10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9847AKCPZRL AD-AD9847AKCPZRL Datasheet
521Kb / 28P
   10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A Datasheet
162Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZRL AD-AD9840AJSTZRL Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
ADDI7006BSUZ AD-ADDI7006BSUZ Datasheet
67Kb / 2P
   6-Channel, 10-Bit, 40 MSPS CCD Signal Processor
Rev. SpA
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com