Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD22050R-Reel Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD22050R-Reel
Descripción Electrónicos  Single-Supply Sensor Interface Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD22050R-Reel Datasheet(HTML) 5 Page - Analog Devices

  AD22050R-Reel Datasheet HTML 1Page - Analog Devices AD22050R-Reel Datasheet HTML 2Page - Analog Devices AD22050R-Reel Datasheet HTML 3Page - Analog Devices AD22050R-Reel Datasheet HTML 4Page - Analog Devices AD22050R-Reel Datasheet HTML 5Page - Analog Devices AD22050R-Reel Datasheet HTML 6Page - Analog Devices AD22050R-Reel Datasheet HTML 7Page - Analog Devices AD22050R-Reel Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD22050
–5–
REV. C
AD22050
+IN OFS +VS OUT
–IN GND
A1
A2
VDM
VCM
ANALOG
OUTPUT
ANALOG
COMMON
CORNER FREQUENCY =
1
2 C
100k
THAT IS, 1.59Hz- F
(C IS IN FARADS)
C
Figure 6. Connections for Single-Pole, Low-Pass Filter
If the gain is raised using a resistor, as shown in Figure 5, the
corner frequency is lowered by the same factor as the gain is
raised. Thus, using a resistor of 200 k
Ω (for which the gain
would be doubled) the corner frequency is now 0.796 Hz-
µF,
(0.039
µF for a 20 Hz corner).
AD22050
+IN OFS +VS OUT
–IN GND A1
A2
VDM
VCM
ANALOG
OUTPUT
ANALOG
COMMON
CORNER
FREQUENCY = 1Hz- F
C
C
255k
Figure 7. Connections for Conveniently Scaled, Two-Pole,
Low-Pass Filter
A two-pole filter (with a roll-off of 40 dB/decade) can be imple-
mented using the connections shown in Figure 7. This is a
Sallen & Key form based on a
×2 amplifier. It is useful to remem-
ber that a two-pole filter with a corner frequency f2 and a
one-pole filter with a corner at f1 have the same attenuation at
the frequency (f2
2/f
1). The attenuation at that frequency is
40 Log(f2/f1). This is illustrated in Figure 8. Using the standard
resistor value shown, and equal capacitors (in Figure 7), the
corner frequency is conveniently scaled at 1 Hz-
µF (0.05 µF for
a 20 Hz corner). A maximally flat response occurs when the
resistor is lowered to 196 k
Ω and the scaling is then 1.145 Hz-
µF. The output offset is raised by about 4 mV (equivalent to
200
µV at the input pins).
ATTENUATION
f1
f2
40LOG (f2/f1)
FREQUENCY
–20dB/DECADE
–40dB/DECADE
(f22/f1)
A 1-POLE FILTER, CORNER f1,
AND A 2-POLE FILTER, CORNER f2,
HAVE THE SAME ATTENUATION,
–40LOG (f2/f1), AT FREQUENCY f22/f1
Figure 8. Comparative Responses of One- and Two-Pole
Low-Pass Filters
A three-pole filter (with roll-off 60 dB/decade) can be formed by
adding a passive RC network at the output forming a real pole.
A three-pole filter with a corner frequency f3 has the same
attenuation a one-pole filter of corner f1 has at a frequency
√f
3
3/f
1, where the attenuation is 30 Log (f3/f1) (see the graph in
Figure 9). Using equal capacitor values, and a resistor of
160 k
Ω, the corner-frequency calibration remains 1 Hz-µF.
ATTENUATION
f1
f3
30LOG (f3/f1)
FREQUENCY
–20dB/DECADE
–60dB/DECADE
(f3
3/f
1)
–30LOG (f3/f1), AT FREQUENCY
(f33/f1)
A 1-POLE FILTER, CORNER f1,
AND A 3-POLE FILTER, CORNER f3,
HAVE THE SAME ATTENUATION,
Figure 9. Comparative Responses of One- and Three-Pole
Low-Pass Filters
CURRENT SENSOR INTERFACE
A typical automotive application making use of the large
common-mode range is shown in Figure 10.
AD22050
+IN OFS +VS OUT
–IN GND A1
A2
100m
SOLENOID
LOAD
POWER
DARLINGTON
CMOS DRIVER
+VS (BATTERY)
CHASSIS
C
191k
20k
+5V
ANALOG OUTPUT
4V PER AMP
5% SENSOR
CALIBRATION
CORNER FREQUENCY
= 0.796Hz- F
(0.22 F FOR f = 3.6Hz)
ANALOG COMMON
FLYBACK
DIODE
Figure 10. Current Sensor Interface. Gain Is
×40, Single-
Pole Low-Pass Filtering
The current in a load, here shown as a solenoid, is controlled by
a power transistor that is either cut off or saturated by a pulse at
its base; the duty-cycle of the pulse determines the average
current. This current is sensed in a small resistor. The aver-
age differential voltage across this resistor is typically 100 mV,
although its peak value will be higher by an amount that
depends on the inductance of the load and the control fre-
quency. The common-mode voltage, on the other hand, extends
from roughly 1 V above ground, when the transistor is satu-
rated, to about 1.5 V above the battery voltage, when the tran-
sistor is cut off and the diode conducts.
If the maximum battery voltage spikes up to +20 V, the common-
mode voltage at the input can be as high as 21.5 V. This can be
measured using even a +5 V supply for the AD22050.


Número de pieza similar - AD22050R-Reel

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD22050R-REEL AD-AD22050R-REEL Datasheet
148Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
More results

Descripción similar - AD22050R-Reel

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD22057 AD-AD22057_17 Datasheet
166Kb / 9P
   Single-Supply Sensor Interface Amplifier
AD22057RZ AD-AD22057RZ Datasheet
118Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22050 AD-AD22050 Datasheet
148Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057_15 Datasheet
196Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057 Datasheet
192Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22050 AD-AD22050_15 Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
logo
Texas Instruments
PGA308 TI-PGA308 Datasheet
638Kb / 24P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier
logo
National Semiconductor ...
LM1964 NSC-LM1964 Datasheet
232Kb / 4P
   SENSOR INTERFACE AMPLIFIER
logo
Texas Instruments
LM9044 TI-LM9044_15 Datasheet
320Kb / 14P
[Old version datasheet]   Lambda Sensor Interface Amplifier
logo
National Semiconductor ...
LM9044 NSC-LM9044 Datasheet
125Kb / 6P
   LM9044 Lambda Sensor Interface Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com