Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADSP-2191MKCA-160 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADSP-2191MKCA-160
Descripción Electrónicos  DSP Microcomputer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191MKCA-160 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-2191MKCA-160 Datasheet HTML 3Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 4Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 5Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 6Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 7Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 8Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 9Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 10Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
–7–
REV. 0
ADSP-2191M
assigned a priority level of 11 are aliased to the lowest priority bit
position (15) in these registers and share vector address
0x00 01E0.
Interrupt routines can either be nested with higher priority inter-
rupts taking precedence or processed sequentially. Interrupts can
be masked or unmasked with the IMASK register. Individual
interrupt requests are logically ANDed with the bits in IMASK;
the highest priority unmasked interrupt is then selected. The
emulation, power-down, and reset interrupts are nonmaskable
with the IMASK register, but software can use the DIS INT
instruction to mask the power-down interrupt.
The Interrupt Control (ICNTL) register controls interrupt
nesting and enables or disables interrupts globally.
The general-purpose Programmable Flag (PFx) pins can be con-
figured as outputs, can implement software interrupts, and (as
inputs) can implement hardware interrupts. Programmable Flag
pin interrupts can be configured for level-sensitive, single
edge-sensitive, or dual edge-sensitive operation.
The IRPTL register is used to force and clear interrupts. On-chip
stacks preserve the processor status and are automatically main-
tained during interrupt handling. To support interrupt, loop, and
subroutine nesting, the PC stack is 33 levels deep, the loop stack
is eight levels deep, and the status stack is 16 levels deep. To
prevent stack overflow, the PC stack can generate a stack-level
interrupt if the PC stack falls below three locations full or rises
above 28 locations full.
The following instructions globally enable or disable interrupt
servicing, regardless of the state of IMASK.
ENA INT;
DIS INT;
At reset, interrupt servicing is disabled.
For quick servicing of interrupts, a secondary set of DAG and
computational registers exist. Switching between the primary
and secondary registers lets programs quickly service interrupts,
while preserving the DSP’s state.
DMA Controller
The ADSP-2191M has a DMA controller that supports
automated data transfers with minimal overhead for the DSP
core. Cycle stealing DMA transfers can occur between the
ADSP-2191M’s internal memory and any of its DMA-capable
peripherals. Additionally, DMA transfers can be accomplished
between any of the DMA-capable peripherals and external
devices connected to the external memory interface. DMA-capa-
ble peripherals include the Host port, SPORTs, SPI ports, and
UART. Each individual DMA-capable peripheral has a dedicated
DMA channel. To describe each DMA sequence, the DMA con-
troller uses a set of parameters—called a DMA descriptor. When
successive DMA sequences are needed, these DMA descriptors
can be linked or chained together, so the completion of one DMA
sequence auto-initiates and starts the next sequence. DMA
sequences do not contend for bus access with the DSP core;
instead DMAs “steal” cycles to access memory.
Table 1. Interrupt Priorities/Addresses
Interrupt
IMASK/
IRPTL
Vector
Address1
1These interrupt vectors start at address 0x10000 when the DSP is in
“no-boot,” run from external memory mode.
Emulator (NMI)—
Highest Priority
NA
NA
Reset (NMI)
0
0x00 0000
Power-Down (NMI)
1
0x00 0020
Loop and PC Stack
2
0x00 0040
Emulation Kernel
3
0x00 0060
User Assigned Interrupt
4
0x00 0080
User Assigned Interrupt
5
0x00 00A0
User Assigned Interrupt
6
0x00 00C0
User Assigned Interrupt
7
0x00 00E0
User Assigned Interrupt
8
0x00 0100
User Assigned Interrupt
9
0x00 0120
User Assigned Interrupt
10
0x00 0140
User Assigned Interrupt
11
0x00 0160
User Assigned Interrupt
12
0x00 0180
User Assigned Interrupt
13
0x00 01A0
User Assigned Interrupt
14
0x00 01C0
User Assigned Interrupt—
Lowest Priority
15
0x00 01E0
Table 2. Peripheral Interrupts and Priority at Reset
Interrupt
ID
Reset
Priority
Slave DMA/Host Port Interface
0
0
SPORT0 Receive
1
1
SPORT0 Transmit
2
2
SPORT1 Receive
3
3
SPORT1 Transmit
4
4
SPORT2 Receive/SPI0
5
5
SPORT2 Transmit/SPI1
6
6
UART Receive
7
7
UART Transmit
8
8
Timer 0
9
9
Timer 1
10
10
Timer 2
11
11
Programmable Flag A (any PFx)
12
11
Programmable Flag B (any PFx)
13
11
Memory DMA port
14
11
Table 3. Interrupt Control (ICNTL) Register Bits
Bit
Description
0–3
Reserved
4Interrupt Nesting Enable
5Global Interrupt Enable
6
Reserved
7
MAC-Biased Rounding Enable
8–9
Reserved
10
PC Stack Interrupt Enable
11
Loop Stack Interrupt Enable
12–15
Reserved


Número de pieza similar - ADSP-2191MKCA-160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-2191MKCA-160 AD-ADSP-2191MKCA-160 Datasheet
1Mb / 52P
   DSP Microcomputer
REV. 0
More results

Descripción similar - ADSP-2191MKCA-160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com