Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PZTA92T1G Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza PZTA92T1G
Descripción Electrónicos  High Voltage Transistor PNP Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZTA92T1G Datasheet(HTML) 3 Page - ON Semiconductor

  PZTA92T1G Datasheet HTML 1Page - ON Semiconductor PZTA92T1G Datasheet HTML 2Page - ON Semiconductor PZTA92T1G Datasheet HTML 3Page - ON Semiconductor PZTA92T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PZTA92T1G
http://onsemi.com
3
Figure 2. Capacitance
IC, COLLECTOR CURRENT (mA)
150
90
70
50
30
10
TJ = 25°C
VCE = 20 Vdc
F = 20 MHz
1
Figure 3. Current−Gain − Bandwidth
130
21
VR, REVERSE VOLTAGE (V)
0.1
100
0.1
10
1.0
10
1000
Cib @ 1MHz
100
1.0
Ccb @ 1MHz
IC, COLLECTOR CURRENT (mA)
1.4
0.0
1.2
1.0
0.8
0.6
0.4
0.2
100
10
0.1
1.0
110
357
9
19
17
15
13
11
VBE(on) @ 25°C, VCE = 10 V
VCE(sat) @ 25°C, IC/IB = 10
VBE(sat) @ 25°C, IC/IB = 10
VCE(sat) @ 125°C, IC/IB = 10
VCE(sat) @ -55°C, IC/IB = 10
VBE(sat) @ 125°C, IC/IB = 10
VBE(sat) @ -55°C, IC/IB = 10
VBE(on) @ 125°C, VCE = 10 V
VBE(on) @ -55°C, VCE = 10 V
Figure 4. ”ON” Voltages
Figure 5. Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (V)
1000
10
1
0.001
0.01
0.1
10 ms
1.0 s
1
100


Número de pieza similar - PZTA92T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
PZTA92T1G ONSEMI-PZTA92T1G Datasheet
149Kb / 6P
   High Voltage Transistor
June, 2017 - Rev. 11
PZTA92T1G ONSEMI-PZTA92T1G_V01 Datasheet
149Kb / 6P
   High Voltage Transistor
June, 2017 - Rev. 11
More results

Descripción similar - PZTA92T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
BSS76 SEME-LAB-BSS76 Datasheet
19Kb / 2P
   HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
Zowie Technology Corpor...
MMBTA92 ZOWIE-MMBTA92 Datasheet
57Kb / 3P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
Micro Commercial Compon...
MMBTA94 MCC-MMBTA94 Datasheet
386Kb / 3P
   PNP Silicon High Voltage Transistor
logo
Micro Electronics
MPS-A92 MICRO-ELECTRONICS-MPS-A92 Datasheet
107Kb / 1P
   PNP SILICON HIGH VOLTAGE TRANSISTOR
logo
New Jersey Semi-Conduct...
BSS74 NJSEMI-BSS74 Datasheet
123Kb / 2P
   HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
Micro Commercial Compon...
MMBTA93 MCC-MMBTA93_13 Datasheet
438Kb / 3P
   PNP Silicon High Voltage Transistor
logo
New Jersey Semi-Conduct...
MPS-U60 NJSEMI-MPS-U60 Datasheet
87Kb / 1P
   PNP SILICON HIGH VOLTAGE TRANSISTOR
logo
Infineon Technologies A...
PZTA92 INFINEON-PZTA92 Datasheet
120Kb / 4P
   PNP Silicon High Voltage Transistor
Dec-12-2001
logo
Zowie Technology Corpor...
MMBT5401 ZOWIE-MMBT5401 Datasheet
83Kb / 4P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
MMBTA93 ZOWIE-MMBTA93 Datasheet
57Kb / 3P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
New Jersey Semi-Conduct...
BFT28 NJSEMI-BFT28 Datasheet
49Kb / 1P
   SILICON PNP HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com