Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL15T1 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza SL15T1
Descripción Electrónicos  300 Watt SOT-23 Low Capacitance TVS for High Speed Line Protections
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SL15T1 Datasheet(HTML) 3 Page - ON Semiconductor

  SL15T1 Datasheet HTML 1Page - ON Semiconductor SL15T1 Datasheet HTML 2Page - ON Semiconductor SL15T1 Datasheet HTML 3Page - ON Semiconductor SL15T1 Datasheet HTML 4Page - ON Semiconductor SL15T1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SL05T1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Device
Device
Marking
VRWM
IR @ VRWM
Breakdown Voltage
(Note 4)
VC, Clamping Voltage
(Note 5)
Max
IPP
Capacitance
VBR @ 1 mA (Volts)
@ 1 A
@ 5 A
@ VR = 0 V, 1 MHz (pF)
(V)
(mA)
Min
Max
(V)
(V)
(A)
Typ
Max
SL05
L05
5.0
20
6.0
8.0
9.8
11
17
3.5
5.0
SL12
L12
12
1.0
13.3
15.5
19
24
12
3.5
5.0
SL15
L15
15
1.0
16.7
18.5
24
30
10
3.5
5.0
SL24
L24
24
1.0
26.7
29
43
55
5.0
3.5
5.0
4. VBR measured at pulse test current of 1 mA at an ambient temperature of 25°C
5. Surge current waveform per Figure 2
TYPICAL CHARACTERISTICS
0.1
10
10
Figure 1. Maximum Peak Power Rating
1
PULSE WIDTH (ms)
100
1000
1
0.1
0.01
Figure 2. 8 × 20 ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
40
60
t, TIME (ms)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8 ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2 @ 20 ms
80
Figure 3. Typical Junction Capacitance
−55
25
150
10
1
0.1
0.01
Figure 4. Typical Leakage Over Temperature
TEMPERATURE (°C)
@ 50% VRWM
4
3.5
3
2
1.5
0.5
0
2.5
1
@ ZERO BIAS
@ VRWM
SL05
SL15
SL24
SL05T1


Número de pieza similar - SL15T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SL15T1 ONSEMI-SL15T1 Datasheet
53Kb / 8P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
May, 2002 ??Rev. 3
SL15T1 ONSEMI-SL15T1 Datasheet
60Kb / 5P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
December, 2006 ??Rev. 5
logo
Zibo Seno Electronic En...
SL15T100 ZSELEC-SL15T100 Datasheet
190Kb / 2P
   15.0 A SUPER BARRIER RECTIFIER
SL15T100L ZSELEC-SL15T100L Datasheet
190Kb / 2P
   15.0 A SUPER BARRIER RECTIFIER
SL15T120 ZSELEC-SL15T120 Datasheet
190Kb / 2P
   15.0 A SUPER BARRIER RECTIFIER
More results

Descripción similar - SL15T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SL05T1 ONSEMI-SL05T1 Datasheet
53Kb / 8P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
May, 2002 ??Rev. 3
SL05T1 ONSEMI-SL05T1_06 Datasheet
60Kb / 5P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
December, 2006 ??Rev. 5
logo
Semtech Corporation
RCLAMP0534N SEMTECH-RCLAMP0534N Datasheet
142Kb / 7P
   Low Capacitance TVS for High-Speed Interfaces
logo
Protek Devices
SMDA03-6 PROTEC-SMDA03-6_11 Datasheet
512Kb / 6P
   300 WATT MULTI-LINE TVS ARRAY
DFN6-36 PROTEC-DFN6-36_11 Datasheet
511Kb / 6P
   300 watt Multi-line TVS ARRAY
SMDA03-6 PROTEC-SMDA03-6_12 Datasheet
513Kb / 6P
   300 WATT MULTI-LINE TVS ARRAY
SM16LC03 PROTEC-SM16LC03_11 Datasheet
887Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRY
PLCDA03 PROTEC-PLCDA03_12 Datasheet
886Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_12 Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_11 Datasheet
795Kb / 10P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com