Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MV5094A Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de Pieza. MV5094A
Descripción  BIPOLAR T-1 3/4 (5mm) LED LAMP - DIFFUSED
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

MV5094A Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BIPOLAR T-1 3/4 (5mm)
LED LAMP - DIFFUSED
1 of 4
7/26/00
30008
6A
FEATURES
• Popular T-1 3/4 package
• Wide viewing angle
• Solid state reliability
Parameter
AlGaAs Red/HER
AlGaAs Red/Green
Units
MV5094A
MV5491A
Continuous Forward Current - IF
30/30
30/30
mA
Peak Forward Current - IF
90
90
mA
(f = 1.0 KHz, Duty Factor = 1/10)
Reverse Voltage - VR (IR = 10 µA)
5
5
V
Power Dissipation - PD
120
120
mW
Operating Temperature - TOPR
-40 to +100
°C
Storage Temperature - TSTG
-40 to +100
°C
Lead Soldering Time - TSOL
Wave
260 for 5 sec
°C
Reflow
240 for 5 sec
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
AlGaAs RED / HER
MV5094A
AlGaAs RED / GREEN
MV5491A
DESCRIPTION
The MV5X9XA is a two-leaded bipolar T-1 3/4 (5mm) lamp
with standoff. Each lamp comes with a white diffused lens with
a viewing angle of 75°.
0.040 (1.02)
0.200 (5.08)
0.180 (4.57)
0.350 (8.89)
0.330 (8.38)
C
L
0.100 (2.54)
REF.
Ø 0.230 (5.84)
0.023 (0.58)
0.017 (0.43)
SQ. TYP. (2X)
FLAT DENOTES
GREEN CATHODE
in MV5491A
HER CATHODE
in MV5094A
0.100 (2.54)
0.065 (1.6)
0.055 (1.4)
2X
0.480 (12.19)
0.460 (11.68)
0.850 (21.59)
MIN
0.050 (1.27)
ANODE LEAD
CATHODE LEAD
PACKAGE DIMENSIONS
NOTE:
Dimensions are in inches (mm).


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn