Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MV5094A Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de Pieza. MV5094A
Descripción  BIPOLAR T-1 3/4 (5mm) LED LAMP - DIFFUSED
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

MV5094A Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
90
VF - FORWARD VOLTAGE (V)
Fig. 1 Forward Current vs. Forward Voltage
40
50
60
70
80
30
20
10
0
1.0
2.0
3.0
4.0
5.0
IF - DC FORWARD CURRENT (mA)
Fig. 2 Relative Luminous Intensity vs.
DC Forward Current
2.5
2.0
1.5
1.0
0.5
0.0
0
5
10
15
20
25
30
GREEN
HER
AlGaAs
RED
HER
GREEN
AlGaAs
RED
TYPICAL PERFORMANCE CURVES
2 of 4
7/26/00
30008
6A
Part Number
AlGaAs Red/HER
AlGaAs Red/Green
Condition
MV5094A
MV5491A
Luminous Intensity (mcd)
IF = 20 mA
Minimum
2/2
2/2
Typical
5/5
5/5
Forward Voltage (V)
IF = 20 mA
Maximum
2.8/2.8
2.8/2.8
Typical
2.0/2.0
2.0/2.0
Peak Wavelength (nm)
660/635
660/565
IF = 20 mA
Spectral Line Half Width (nm)
20/45
20/30
IF = 20 mA
Viewing Angle (°)
75
75
IF = 20 mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
BIPOLAR T-1 3/4 (5mm)
LED LAMP - DIFFUSED
AlGaAs RED / HER
MV5094A
AlGaAs RED / GREEN
MV5491A


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn