Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC121S101EVAL Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza DAC121S101EVAL
Descripción Electrónicos  12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC121S101EVAL Datasheet(HTML) 1 Page - Texas Instruments

  DAC121S101EVAL Datasheet HTML 1Page - Texas Instruments DAC121S101EVAL Datasheet HTML 2Page - Texas Instruments DAC121S101EVAL Datasheet HTML 3Page - Texas Instruments DAC121S101EVAL Datasheet HTML 4Page - Texas Instruments DAC121S101EVAL Datasheet HTML 5Page - Texas Instruments DAC121S101EVAL Datasheet HTML 6Page - Texas Instruments DAC121S101EVAL Datasheet HTML 7Page - Texas Instruments DAC121S101EVAL Datasheet HTML 8Page - Texas Instruments DAC121S101EVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DAC121S101
12-Bit Micro Power Digital-to-Analog Converter with
Rail-to-Rail Output
General Description
The DAC121S101 is a full-featured, general purpose 12-bit
voltage-output digital-to-analog converter (DAC) that can
operate from a single +2.7V to 5.5V supply and consumes
just 177 µA of current at 3.6 Volts. The on-chip output
amplifier allows rail-to-rail output swing and the three wire
serial interface operates at clock rates up to 30 MHz over the
specified supply voltage range and is compatible with stan-
dard SPI, QSPI, MICROWIRE and DSP interfaces. Com-
petitive devices are limited to 20 MHz clock rates at supply
voltages in the 2.7V to 3.6V range.
The supply voltage for the DAC121S101 serves as its volt-
age reference, providing the widest possible output dynamic
range. A power-on reset circuit ensures that the DAC output
powers up to zero volts and remains there until there is a
valid write to the device. A power-down feature reduces
power consumption to less than a microWatt.
The low power consumption and small packages of the
DAC121S101 make it an excellent choice for use in battery
operated equipment.
The DAC121S101 is a direct replacement for the AD5320
and the DAC7512 and is one of a family of pin compatible
DACs, including the 8-bit DAC081S101 and the 10-bit
DAC101S101. The DAC121S101 operates over the ex-
tended industrial temperature range of −40˚C to +105˚C.
Features
n
Guaranteed Monotonicity
n
Low Power Operation
n
Rail-to-Rail Voltage Output
n
Power-on Reset to Zero Volts Output
n
SYNC Interrupt Facility
n
Wide power supply range (+2.7V to +5.5V)
n
Small Packages
n
Power Down Feature
Key Specifications
n
Resolution
12 bits
n
DNL
+0.25, -0.15 LSB (typ)
n
Output Settling Time
8 µs (typ)
n
Zero Code Error
4 mV (typ)
n
Full-Scale Error
−0.06 %FS (typ)
n
Power Consumption
— Normal Mode
0.64mW (3.6V) / 1.43mW (5.5V) typ
— Pwr Down Mode
0.14µW (3.6V) / 0.39µW (5.5V) typ
Applications
n
Battery-Powered Instruments
n
Digital Gain and Offset Adjustment
n
Programmable Voltage & Current Sources
n
Programmable Attenuators
Pin Configuration
20114901
20114902
Ordering Information
Order Numbers
Temperature Range
Package
Top Mark
DAC121S101CIMM
−40˚C
≤ T
A
≤ +105˚C
MSOP
X60C
DAC121S101CIMMX
−40˚C
≤ T
A
≤ +105˚C
MSOP Tape-and-Reel
X60C
DAC121S101CIMK
−40˚C
≤ T
A
≤ +105˚C
TSOT
X61C
DAC121S101CIMKX
−40˚C
≤ T
A
≤ +105˚C
TSOT Tape-and-Reel
X61C
DAC121S101EVAL
Evaluation Board
SPIis a trademark of Motorola, Inc.
June 2005
© 2005 National Semiconductor Corporation
DS201149
www.national.com


Número de pieza similar - DAC121S101EVAL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DAC121S101EVAL NSC-DAC121S101EVAL Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101EVAL NSC-DAC121S101EVAL Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
More results

Descripción similar - DAC121S101EVAL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com