Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8406IPFBTG4 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza ADS8406IPFBTG4
Descripción Electrónicos  16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS8406IPFBTG4 Datasheet(HTML) 3 Page - Texas Instruments

  ADS8406IPFBTG4 Datasheet HTML 1Page - Texas Instruments ADS8406IPFBTG4 Datasheet HTML 2Page - Texas Instruments ADS8406IPFBTG4 Datasheet HTML 3Page - Texas Instruments ADS8406IPFBTG4 Datasheet HTML 4Page - Texas Instruments ADS8406IPFBTG4 Datasheet HTML 5Page - Texas Instruments ADS8406IPFBTG4 Datasheet HTML 6Page - Texas Instruments ADS8406IPFBTG4 Datasheet HTML 7Page - Texas Instruments ADS8406IPFBTG4 Datasheet HTML 8Page - Texas Instruments ADS8406IPFBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
SPECIFICATIONS
ADS8406
SLAS426A – AUGUST 2004 – REVISED DECEMBER 2004
T
A = –40°C to 85°C, +VA = 5 V, +VBD = 3 V or 5 V, Vref = 4.096 V, fSAMPLE = 1.25 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage (1)
+IN – (–IN)
–Vref
Vref
V
+IN
–0.2
Vref + 0.2
Absolute input voltage
V
–IN
–0.2
Vref + 0.2
Input capacitance
25
pF
Input leakage current
0.5
nA
SYSTEM PERFORMANCE
Resolution
16
Bits
ADS8406I
15
No missing codes
Bits
ADS8406IB
16
ADS8406I
–4
±2
4
INL
Integral linearity (2)(3)
LSB
ADS8406IB
–2
±1
2
ADS8406I
–2
±1
2
DNL
Differential linearity
LSB
ADS8406IB
–1
±0.5
1.25
ADS8406I
–2.5
±1
2.5
mV
EO
Offset error(4)
ADS8406IB
–1.5
±0.5
1.5
mV
ADS8406I
–0.12
0.12
EG
Gain error(4)(5)
%FS
ADS8406IB
–0.098
0.098
At dc (0.2 V around Vref/2)
80
CMRR
Common mode rejection ratio
dB
+IN – (–IN) = 1 Vpp at 1 MHz
80
At 7FFFh output code, +VA
PSRR
DC Power supply rejection ratio
= 4.75 V to 5.25 V, Vref =
2
LSB
4.096 V (4)
SAMPLING DYNAMICS
Conversion time
500
650
ns
Acquisition time
150
ns
Throughput rate
1.25
MHz
Aperture delay
2
ns
Aperture jitter
25
ps
Step response
100
ns
Overvoltage recovery
100
ns
DYNAMIC CHARACTERISTICS
VIN = 8 Vpp at 100 kHz
–95
THD
Total harmonic distortion (6)
dB
VIN = 8 Vpp at 500 kHz
–90
SNR
Signal-to-noise ratio
VIN = 8 Vpp at 100 kHz
90
dB
SINAD
Signal-to-noise + distortion
VIN = 8 Vpp at 100 kHz
88
dB
VIN = 8 Vpp at 100 kHz
95
SFDR
Spurious free dynamic range
dB
VIN = 8 Vpp at 500 kHz
93
-3dB Small signal bandwidth
5
MHz
EXTERNAL VOLTAGE REFERENCE INPUT
Reference voltage at REFIN, Vref
2.5
4.096
4.2
V
Reference resistance (7)
500
k
(1)
Ideal input span, does not include gain or offset error.
(2)
LSB means least significant bit
(3)
This is endpoint INL, not best fit.
(4)
Measured relative to an ideal full-scale input [+IN – (–IN)] of 8.192 V
(5)
This specification does not include the internal reference voltage error and drift.
(6)
Calculated on the first nine harmonics of the input frequency
(7)
Can vary
±20%
3


Número de pieza similar - ADS8406IPFBTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS8406IPFBT BURR-BROWN-ADS8406IPFBT Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
More results

Descripción similar - ADS8406IPFBTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
logo
Burr-Brown (TI)
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Analog Devices
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com