Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS6122IRHBR Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza ADS6122IRHBR
Descripción Electrónicos  12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS6122IRHBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS6122IRHBR Datasheet HTML 3Page - Texas Instruments ADS6122IRHBR Datasheet HTML 4Page - Texas Instruments ADS6122IRHBR Datasheet HTML 5Page - Texas Instruments ADS6122IRHBR Datasheet HTML 6Page - Texas Instruments ADS6122IRHBR Datasheet HTML 7Page - Texas Instruments ADS6122IRHBR Datasheet HTML 8Page - Texas Instruments ADS6122IRHBR Datasheet HTML 9Page - Texas Instruments ADS6122IRHBR Datasheet HTML 10Page - Texas Instruments ADS6122IRHBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
www.ti.com
ADS6125, ADS6124
ADS6123, ADS6122
SLAS560A – OCTOBER 2007 – REVISED MARCH 2008
ELECTRICAL CHARACTERISTICS (continued)
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
DRVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1 dBFS differential analog input, internal
reference mode, applies to CMOS and LVDS interfaces, unless otherwise noted.
ADS6125
ADS6124
ADS6123
ADS6122
FS = 125 MSPS
FS = 105 MSPS
FS = 80 MSPS
FS = 65 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Fin = 10 MHz
88.5
90
91.5
93
Fin = 50 MHz
73
79.5
82.5
76
88
88
Fin = 70 MHz
82
73
83
83
76
85
THD
0 dB Gain
73.5
79
78
80
Fin = 170
Total harmonic
dBc
3.5 dB Coarse
MHz
distortion
75
81
79
82
gain
0 dB Gain
71.5
75.5
76
76
Fin = 230
3.5 dB Coarse
MHz
72.5
77.5
78
78.5
gain
Fin = 10 MHz
96
96
97
98
Fin = 50 MHz
76
95
96
79
96
96
Fin = 70 MHz
91
76
92
93
79
93
HD2
0 dB Gain
81
83
83
86
Second
Fin = 170
dBc
harmonic
3.5 dB Coarse
MHz
82
84
84
87
distortion
gain
0 dB Gain
75
79
80
79
Fin = 230
3.5 dB Coarse
MHz
76
81
81
81
gain
Fin = 10 MHz
90
91
93
95
Fin = 50 MHz
76
80
83
79
89
89
Fin = 70 MHz
84
76
84
84
79
86
HD3
0 dB Gain
76
80
81
82
Fin = 170
Third harmonic
dBc
3.5 dB Coarse
MHz
distortion
78
82
83
84
gain
0 dB Gain
75
77
79
79
Fin = 230
3.5 dB Coarse
MHz
76
79
81
82
gain
Fin = 10 MHz
93
94
96
97
Fin = 50 MHz
92
90
93
96
Worst spur
Fin = 70 MHz
91
90
92
95
(Other than
dBc
Fin = 170
HD2, HD3)
90
89
89
91
MHz
Fin = 230
90
88
89
90
MHz
IMD
2-Tone
F1 = 185 MHz, F2 = 190 MHz
83
82
84
88
dBFS
intermodulation
Each tone at -7 dBFS
distortion
Recovery to within 1% (of final
Input overload
clock
value) for 6-dB overload with sine
1
1
1
1
recovery
cycles
wave input
PSRR
AC Power
For 100 mVpp signal on AVDD
35
35
35
35
dBc
supply rejection
supply
ratio
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS6125, ADS6124 ADS6123, ADS6122


Número de pieza similar - ADS6122IRHBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS6122IRHBR TI-ADS6122IRHBR Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122IRHBR TI1-ADS6122IRHBR Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122IRHBRG4 TI-ADS6122IRHBRG4 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122IRHBRG4 TI1-ADS6122IRHBRG4 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Descripción similar - ADS6122IRHBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com