Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8803EEEYL Datasheet(PDF) 1 Page - Analog Microelectronics

No. de pieza AME8803EEEYL
Descripción Electrónicos  300mA CMOS LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8803EEEYL Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8803EEEYL Datasheet HTML 1Page - Analog Microelectronics AME8803EEEYL Datasheet HTML 2Page - Analog Microelectronics AME8803EEEYL Datasheet HTML 3Page - Analog Microelectronics AME8803EEEYL Datasheet HTML 4Page - Analog Microelectronics AME8803EEEYL Datasheet HTML 5Page - Analog Microelectronics AME8803EEEYL Datasheet HTML 6Page - Analog Microelectronics AME8803EEEYL Datasheet HTML 7Page - Analog Microelectronics AME8803EEEYL Datasheet HTML 8Page - Analog Microelectronics AME8803EEEYL Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AME
1
AME8803 / 8814
300mA CMOS LDO
Rev.I.02
n Typical Application
n Functional Block Diagram
l Very Low Dropout Voltage
l Guaranteed 300mA Output
l Accurate to within 1.5%
l 30
µA Quiescent Current
l Over-Temperature Shutdown
l Current Limiting
l Short Circuit Current Fold-back
l Noise Reduction Bypass Capacitor
l Power Good Detector
l Power-Saving Shutdown Mode
l Space-Saving SOT-26
l Factory Pre-set Output Voltages
l Low Temperature Coefficient
The AME8803/8814 family of positive, linear regulators
feature low quiescent current (30
µA typ.) with low drop-
out voltage, making them ideal for battery applications.
The space-saving SOT-26 package is attractive for "Pocket"
and "Hand Held" applications.
These rugged devices have both Thermal Shutdown,
and Current Fold-back to prevent device failure under the
"Worst" of operating conditions.
An additional feature is a "Power Good" detector, which
pulls low when the output is out of regulation. In applica-
tions requiring a low noise, regulated supply, place a
1000pF capacitor between Bypass and ground.
The AME8803/8814 is stable with an output capaci-
tance of 2.2
µF or greater.
l Instrumentation
l Portable Electronics
l Wireless Devices
l Cordless Phones
l PC Peripherals
l Battery Powered Widgets
l Electronic Scales
n General Description
n Features
n Applications
GND
OUT
IN
PG
Overcurrent
Shutdown
Thermal
Shutdown
EN
Vref =1.215V
Vref x90%
Vrefx110%
AMP
R1
R2
BYP
AME8803
OUT
IN
C3
2.2
µF
C1
1
µF
GND
PG
5V
OUT
BYP
EN
C2
1000pF
IN
l All AME's Lead Free Products Meet RoHS
Standards


Número de pieza similar - AME8803EEEYL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8803EEEY AME-AME8803EEEY Datasheet
117Kb / 13P
   300mA CMOS LDO
More results

Descripción similar - AME8803EEEYL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com