Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8800LEETZ Datasheet(PDF) 2 Page - Analog Microelectronics

No. de pieza AME8800LEETZ
Descripción Electrónicos  300mA CMOS LDO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8800LEETZ Datasheet(HTML) 2 Page - Analog Microelectronics

  AME8800LEETZ Datasheet HTML 1Page - Analog Microelectronics AME8800LEETZ Datasheet HTML 2Page - Analog Microelectronics AME8800LEETZ Datasheet HTML 3Page - Analog Microelectronics AME8800LEETZ Datasheet HTML 4Page - Analog Microelectronics AME8800LEETZ Datasheet HTML 5Page - Analog Microelectronics AME8800LEETZ Datasheet HTML 6Page - Analog Microelectronics AME8800LEETZ Datasheet HTML 7Page - Analog Microelectronics AME8800LEETZ Datasheet HTML 8Page - Analog Microelectronics AME8800LEETZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
AME
2
300mA CMOS LDO
AME8800 / 8811
Rev.T.05
n Pin Configuration
AME8800
1. GND
2. OUT
3. IN
*Die Attach:
Non-Conductive Epoxy
SOT-25
Top View
AME8800
1. GND
2. IN
3. OUT
4. NC
5. NC
SOT-23
Top View
TO-92
Front View
SOT-89
Top View
AME8800
1. GND
2. IN (TAB)
3. OUT
*Die Attach:
Non-Conductive Epoxy
AME8811
1. OUT
2. GND (TAB)
3. IN
*Die Attach:
Non-Conductive Epoxy
AME8800
1. GND
2. IN
3. OUT
*Die Attach:
Non-Conductive Epoxy
AME8811
1. OUT
2. GND
3. IN
*Die Attach:
Conductive Epoxy
1
2
3
AME8800
1
3
2
5
4
AME8800
1
3
2
AME8800
AME8811
*Die Attach:
Non-Conductive Epoxy
1
3
2
AME8800
AME8811


Número de pieza similar - AME8800LEETZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8800LEET AME-AME8800LEET Datasheet
132Kb / 20P
   300mA CMOS LDO
More results

Descripción similar - AME8800LEETZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com