Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8802OEEVL Datasheet(PDF) 6 Page - Analog Microelectronics

No. de pieza AME8802OEEVL
Descripción Electrónicos  300mA CMOS LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8802OEEVL Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8802OEEVL Datasheet HTML 2Page - Analog Microelectronics AME8802OEEVL Datasheet HTML 3Page - Analog Microelectronics AME8802OEEVL Datasheet HTML 4Page - Analog Microelectronics AME8802OEEVL Datasheet HTML 5Page - Analog Microelectronics AME8802OEEVL Datasheet HTML 6Page - Analog Microelectronics AME8802OEEVL Datasheet HTML 7Page - Analog Microelectronics AME8802OEEVL Datasheet HTML 8Page - Analog Microelectronics AME8802OEEVL Datasheet HTML 9Page - Analog Microelectronics AME8802OEEVL Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AME
6
300mA CMOS LDO
AME8802
Rev.K.02
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
Caution: Stress above the listed absolute rating may cause permanent damage to the device.
* HBM B:2000V~3999V
* Measure
θ
JC on center of molding compound if IC has no tab.
** MIL-STD-202G 210F
Parameter
Maximum
Unit
Input Voltage
8
V
Output Current
PD / (VIN - VO)
mA
Output Voltage
GND - 0.3 to VIN + 0.3
V
ESD Classification
B*
Parameter
Package
Die Attach
Symbol
Maximum
Unit
Thermal Resistance *
(Junction to Case)
θJC
81
Thermal Resistance
(Junction to Ambient)
θJA
260
Internal Power Dissipation
PD
400
mW
150
oC
350
oC
Conductive Epoxy
Maximum Junction Temperature
Solder Iron (10Sec)**
oC / W
SOT-25
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to +85
oC
Junction Temperature Range
TJ
- 40 to +125
oC


Número de pieza similar - AME8802OEEVL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8802OEEV AME-AME8802OEEV Datasheet
90Kb / 11P
   300mA CMOS LDO
More results

Descripción similar - AME8802OEEVL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com