Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8802UEEVL Datasheet(PDF) 10 Page - Analog Microelectronics

No. de pieza AME8802UEEVL
Descripción Electrónicos  300mA CMOS LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8802UEEVL Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME8802UEEVL Datasheet HTML 6Page - Analog Microelectronics AME8802UEEVL Datasheet HTML 7Page - Analog Microelectronics AME8802UEEVL Datasheet HTML 8Page - Analog Microelectronics AME8802UEEVL Datasheet HTML 9Page - Analog Microelectronics AME8802UEEVL Datasheet HTML 10Page - Analog Microelectronics AME8802UEEVL Datasheet HTML 11Page - Analog Microelectronics AME8802UEEVL Datasheet HTML 12Page - Analog Microelectronics AME8802UEEVL Datasheet HTML 13Page - Analog Microelectronics AME8802UEEVL Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AME
10
300mA CMOS LDO
AME8802
Rev.K.02
100mA
10mA
1mA
100
µ A
100mA
100
µA
C
L=2.2µF Tantalum
C
BYP =0
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1K
100K
Frequency (Hz)
10M
Power Supply Rejection Ratio
Short Circuit Response
Overtemperature Shutdown
Current Limit Response
Noise Measurement
Line Transient Response
C
L =2.2µF Tantalum
C
=0
R
LOAD
=100
R SHORT =0.1
0
0
TIME (2mS/DIV)
TIME (0.5Sec/DIV)
0
0
R
LOAD=6.6
TIME (2mS/DIV)
0
0
R
Load=3.3 Ω
TIME (20ms/DIV)
C
L=2.2µF
No Filter
TIME (2mS/DIV)


Número de pieza similar - AME8802UEEVL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8802UEEV AME-AME8802UEEV Datasheet
90Kb / 11P
   300mA CMOS LDO
More results

Descripción similar - AME8802UEEVL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com